Electronic Components Datasheet Search
  English  ▼

X  

UTV010 Datasheet(PDF) 1 Page - GHz Technology

Part # UTV010
Description  1 Watt, 20 Volts, Class A UHF Television - Band IV & V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

UTV010 Datasheet(HTML) 1 Page - GHz Technology

  UTV010 Datasheet HTML 1Page - GHz Technology UTV010 Datasheet HTML 2Page - GHz Technology UTV010 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
UTV010
1 Watt, 20 Volts, Class A
UHF Television - Band IV & V
GENERAL DESCRIPTION
The UTV 010 is a COMMON EMITTER transistor capable of providing 1
Watt Peak, Class A, RF Output Power over the band 470 - 860 MHz. Gold
Metalization and Diffused Ballasting are used to provide high reliability and
supreme ruggedness.
CASE OUTLINE
55FT, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
15 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
45 Volts
BVceo
Collector to Emitter Voltage
20 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
1.25 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
IMD
1
VSWR
1
Power Out - Pk Sync
Power Input
Power Gain
Intermodulation Distortion
Load Mismatch Tolerance
F = 470 - 860 MHz
Vcc = 20 Volts
Ic = 440 mA
Pref = 1.0 Watts
F = 860 MHz
1.0
11.5
-60
0.09
30:1
Watts
Watts
dB
dB
LVceo
BVces
BVebo
h
FE
Cob
θjc
Collector to Emitter Breakdown
Collector to Base Breakdown
Emitter to Base Breakdown
Current Gain
Output Capacitance
Thermal Resistance
Ic = 20 mA
Ic = 10 mA
Ie = 1 mA
Vce = 5 V, 200 mA
Vcb = 20 V, F = 1 MHz
Tc = 25 C
o
24
45
3.5
15
7.0
12
Volts
Volts
Volts
pF
C/W
o
Note 1: F1=860 MHz, F2=863.5 MHz, F3=864.5 Mhz
European test method, Vision = - 8dB, Sideband= - 16dB, Sound = -7 dB
Initial Issue June, 1994


Similar Part No. - UTV010

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UTV005 ASI-UTV005 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
GHz Technology
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
logo
Advanced Power Technolo...
UTV005P ADPOW-UTV005P Datasheet
187Kb / 2P
0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
logo
GHz Technology
UTV020 GHZTECH-UTV020 Datasheet
292Kb / 2P
2 Watts, 25 Volts, Class A UHF Television - Band IV & V
logo
New Jersey Semi-Conduct...
UTV020 NJSEMI-UTV020 Datasheet
86Kb / 1P
2 Watts, 25 Volts, Class A
More results

Similar Description - UTV010

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UTV020 GHZTECH-UTV020 Datasheet
292Kb / 2P
2 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV8100B GHZTECH-UTV8100B Datasheet
304Kb / 3P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
UTV040 GHZTECH-UTV040 Datasheet
282Kb / 2P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV080 GHZTECH-UTV080 Datasheet
178Kb / 2P
8 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
UTV100B GHZTECH-UTV100B Datasheet
234Kb / 2P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
logo
Advanced Power Technolo...
UTV005P ADPOW-UTV005P Datasheet
187Kb / 2P
0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
logo
GHz Technology
UTV120 GHZTECH-UTV120 Datasheet
265Kb / 3P
12 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
logo
New Jersey Semi-Conduct...
UTV040 NJSEMI-UTV040 Datasheet
86Kb / 1P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com