Electronic Components Datasheet Search
  English  ▼

X  

PE4404 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4404
Description  SMA Male Precision Connector Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4404 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4404 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4404 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4404 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4404 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 14
14 to 18
GHz
VSWR, Max
1.13:1
1.2:1
.
Electrical Specification Notes:
Insertion loss: 0.04 x sqrt(fGHz) dB max.
RF leakage: 90 dB min up to 1 GHz.
Mechanical Specifications
Size
Length
0.489 in [12.42 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.007 lbs [3.18 g]
.
Mating Cycles
500 Cycles
Mating Torque
7 to 10 in-lbs [0.79 to 1.13 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
50 µin minimum
Insulation
PTFE
Body
Brass
Gold over Nickel
50 µin minimum
Coupling Nut
Brass
Nickel
50 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Humidity
MIL-STD-202, Method 106, No Vibration
Shock
MIL-STD-202, Method 213, Condition I
Vibration
MIL-STD-202, Method 204, Condition D
Thermal Shock
MIL-STD-202, Method 107, Condition B
Salt Spray
MIL-STD-202, Method 101, Condition B (5%)
PE4404 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Precision Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE4404
RF Connectors Technical Data Sheet
PE4404
SMA Male Precision Connector Solder Attachment
for PE-047SR, PE-SR047AL, PE-SR047FL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com