Electronic Components Datasheet Search
  English  ▼

X  

PE4408 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4408
Description  SMA Male Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4408 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4408 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4408 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4408 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG188-DS, RG316-DS Interface Type
• Crimp/Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.4:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4408 SMA male right angle connector with crimp/solder attachment for RG188-DS and RG316-DS is part of
our full line of RF components available for same-day shipping. Our SMA male connector operates up to a maximum frequency
of 3 GHz and offers good VSWR of 1.4:1. Its right angle body geometry allows for easier connections in tight spaces.
Our SMA male right angle connector PE4408 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
750
Vrms
.
Mechanical Specifications
Size
Length
0.61 in [15.49 mm]
Width/Dia.
0.315 in [8.00 mm]
Height
0.69 in [17.53 mm]
.
Weight
0.016 lbs [7.26 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE4408
PE4408 REV 1.2
SMA Male Right Angle Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS
RF Connectors Technical Data Sheet
PE4408


Similar Part No. - PE4408

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44080 PASTERNACK-PE44080 Datasheet
301Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44083 PASTERNACK-PE44083 Datasheet
89Kb / 1P
MINI UHF FEMALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
More results

Similar Description - PE4408

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4002 PASTERNACK-PE4002_16 Datasheet
381Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4009 PASTERNACK-PE4009_16 Datasheet
380Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4025 PASTERNACK-PE4025_17 Datasheet
393Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4038 PASTERNACK-PE4038_16 Datasheet
373Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4083 PASTERNACK-PE4083_16 Datasheet
372Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4296 PASTERNACK-PE4296_16 Datasheet
377Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4327 PASTERNACK-PE4327_16 Datasheet
319Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4405 PASTERNACK-PE4405_17 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4410 PASTERNACK-PE4410_16 Datasheet
318Kb / 3P
SMA Male Right Angle Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com