Electronic Components Datasheet Search
  English  ▼

X  

HT-170NB Datasheet(PDF) 10 Page - Inolux Corporation

Part # HT-170NB
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-170NB Datasheet(HTML) 10 Page - Inolux Corporation

Back Button HT-170NB Datasheet HTML 6Page - Inolux Corporation HT-170NB Datasheet HTML 7Page - Inolux Corporation HT-170NB Datasheet HTML 8Page - Inolux Corporation HT-170NB Datasheet HTML 9Page - Inolux Corporation HT-170NB Datasheet HTML 10Page - Inolux Corporation HT-170NB Datasheet HTML 11Page - Inolux Corporation HT-170NB Datasheet HTML 12Page - Inolux Corporation HT-170NB Datasheet HTML 13Page - Inolux Corporation HT-170NB Datasheet HTML 14Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
10/24
▓
Chromaticity Bin (for TW only):
Rank C1
Rank C2
x
0.2500 0.2700 0.2700 0.2500
x
0.2700 0.2900 0.2900 0.2700
y
0.2500 0.2775 0.2325 0.2050
y
0.2775 0.3050 0.2600 0.2325
Rank D1
Rank D2
x
0.2900 0.3100 0.3100 0.2900
x
0.3100 0.3300 0.3300 0.3100
y
0.3050 0.3325 0.2875 0.2600
y
0.3325 0.3600 0.3150 0.2875
@20mA / Ta=25℃, Tolerance: + 0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com