Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1042 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2CP1042
Description  90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 300 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1042 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2CP1042 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1042 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1042 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1042 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1042 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1042 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
-3.0
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
0 dB
500 MHz
Amplitude Balance
s31 (Thru Port)
s41 (Coupled Port)
PE2CP1042
PE2CP1042 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 300 Watts PE2CP1042
90 Degree Drop-In Hybrid Coupler From
500 MHz to 2.5 GHz Rated to 300 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com