Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1053 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1053
Description  90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1053 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1053 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1053 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• 450 watts power
• 16 dB isolation
• 1000 MHz to 3000 MHz Frequency Range
• Gold plated leads
• 1.35:1 VSWR
• 1.35 inch by 0.5 inch package
Applications
• Test and measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• Military Electronic Systems
.
Description
The PE2CP1053 operates from 1000 MHz to 3000 MHz and can handle 450 watts of power with 16 dB
isolation. The package is 1.35 inch by .5 inch and can be attached to a heat sink by screws. The gold plated
leads are soldered to the PCB. This 90 degree hybrid has a VSWR of 1.35:1 and an insertion loss of 0.3 dB.
The PE2CP1053 is part of Pasternack’s family of 90 degree hybrid couplers in drop-in packages. These couplers
feature small drop-in packages that can handle power up to 1000 watts. They are available in both narrow and broad
bandwidths. These quadrature hybrids are excellent for any situation to either equally split an input signal into two paths
with a 90 degree phase shift between them or to combine two signals while maintaining high isolation between them.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
1
3
GHz
Impedance
50
Ohms
Phase Difference
90
Degrees
Insertion Loss
0.25
dB
Isolation
16
dB
VSWR
1.35:1
Amplitude Balance
±1.1
dB
Phase Balance
±5
Degrees
Input Power (CW)
450
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 450 Watts PE2CP1053
PE2CP1053
PE2CP1053 REV 1.0
90 Degree Drop-In Hybrid Coupler From
1 GHz to 3 GHz Rated to 450 Watts
Hybrids Technical Data Sheet


Similar Part No. - PE2CP1053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1050 PASTERNACK-PE2CP1050 Datasheet
537Kb / 6P
90 Degree Drop-In Hybrid Coupler From1 GHz to 2 GHz Rated to 400 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1052 PASTERNACK-PE2CP1052 Datasheet
533Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 150 Watts
PE2CP1054 PASTERNACK-PE2CP1054 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 4.2 GHz Rated to 80 Watts
PE2CP1055 PASTERNACK-PE2CP1055 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 4 GHz Rated to 100 Watts
More results

Similar Description - PE2CP1053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1043 PASTERNACK-PE2CP1043 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 125 Watts
PE2CP1044 PASTERNACK-PE2CP1044 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 200 Watts
PE2CP1047 PASTERNACK-PE2CP1047 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.7 GHz Rated to 400 Watts
PE2CP1049 PASTERNACK-PE2CP1049 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 200 Watts
PE2CP1050 PASTERNACK-PE2CP1050 Datasheet
537Kb / 6P
90 Degree Drop-In Hybrid Coupler From1 GHz to 2 GHz Rated to 400 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1052 PASTERNACK-PE2CP1052 Datasheet
533Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 150 Watts
PE2CP1054 PASTERNACK-PE2CP1054 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 4.2 GHz Rated to 80 Watts
PE2CP1055 PASTERNACK-PE2CP1055 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 4 GHz Rated to 100 Watts
PE2CP1056 PASTERNACK-PE2CP1056 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 2 GHz to 6 GHz Rated to 100 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com