Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1071 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE2CP1071
Description  Low PIM Directional 20 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1071 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE2CP1071 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1071 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1071 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1071 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1071 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Passive IM Response
Low PIM Directional 20 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 20 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts PE2CP1071
URL: https://www.pasternack.com/directional-20-db-4.1-9.5-mini-din-coupler-698-mhz-2.7-ghz-200-watts-pe2cp1071-p.aspx
PE2CP1071 REV 1.0
Couplers Technical Data Sheet
PE2CP1071
Low PIM Directional 20 dB 4.1/9.5 Mini DIN
Coupler To 2.7 GHz Rated to 200 Watts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com