Electronic Components Datasheet Search
  English  ▼

X  

XP04401 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XP04401
Description  Silicon PNP epitaxial planer transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP04401 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XP04401 Datasheet HTML 1Page - Panasonic Semiconductor XP04401 Datasheet HTML 2Page - Panasonic Semiconductor XP04401 Datasheet HTML 3Page - Panasonic Semiconductor XP04401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Composite Transistors
XP04401 (XP4401)
Silicon PNP epitaxial planer transistor
For general amplification
s Features
q
Two elements incorporated into one package.
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
2SB0709A(2SB709A)
× 2 elements
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Marking Symbol:
5K
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–60
V
Collector to emitter voltage
VCEO
–50
V
Emitter to base voltage
VEBO
–7
V
Collector current
IC
–100
mA
Peak collector current
ICP
–200
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Rating
of
element
Overall
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–60
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Emitter to base voltage
VEBO
IE = –10µA, IC = 0
–7
V
Collector cutoff current
ICBO
VCB = –20V, IE = 0
– 0.1
µA
ICEO
VCE = –10V, IB = 0
–100
µA
Forward current transfer ratio
hFE
VCE = –10V, IC = –2mA160
460
Collector to emitter saturation voltage
VCE(sat)
IC = –100mA, IB = –10mA– 0.3
– 0.5
V
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Collector output capacitance
Cob
VCB = –10V, IE = 0, f = 1MHz
2.7
pF
16
5
Tr2
Tr1
2
34
1 : Emitter (Tr1)
4 : Emitter (Tr2)
2 : Base (Tr1)
5 : Base (Tr2)
3 : Collector (Tr2)
6 : Collector (Tr1)
EIAJ : SC–88
SMini6-G1 Package
10
°
1
3
2
0.2±0.05
0.12
+0.05
–0.02
1.3±0.1
2.0±0.1
6
5
4
(0.65) (0.65)
Note) The Part number in the Parenthesis shows conventional part number.


Similar Part No. - XP04401

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP04111 PANASONIC-XP04111 Datasheet
87Kb / 3P
Silicon PNP epitaxial planar type
XP04112 PANASONIC-XP04112 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
XP04114 PANASONIC-XP04114 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XP04115 PANASONIC-XP04115 Datasheet
61Kb / 3P
Silicon PNP epitaxial planer transistor
More results

Similar Description - XP04401

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN2121 PANASONIC-UN2121 Datasheet
84Kb / 6P
Silicon PNP epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
Silicon PNP epitaxial planer transistor
XP1110 PANASONIC-XP1110 Datasheet
33Kb / 2P
Silicon PNP epitaxial planer transistor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com