Electronic Components Datasheet Search
  English  ▼

X  

XP4401 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP4401
Description  Silicon PNP epitaxial planer transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP4401 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP4401 Datasheet HTML 1Page - Panasonic Semiconductor XP4401 Datasheet HTML 2Page - Panasonic Semiconductor XP4401 Datasheet HTML 3Page - Panasonic Semiconductor XP4401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Composite Transistors
XP04401
PT — Ta
IC — VCE
IC — IB
IB — VBE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
0
–18
–2 –4 –6 –8 –10 –12 –14 –16
–60
–50
–40
–30
–20
–10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= – 300
µA
– 250
µA
– 200
µA
–150
µA
–100
µA
–50
µA
0
0
–100
– 200
– 300
– 400
–60
–50
–40
–30
–20
–10
Base current IB (
µA)
VCE=–5V
Ta=25˚C
0
0
– 0.4
– 0.8
–1.2
–1.6
– 400
– 350
– 300
– 250
– 200
–150
–100
–50
Base to emitter voltage VBE (V)
VCE=–5V
Ta=25˚C
0
0
– 2.0
–1.6
–1.2
– 0.8
– 0.4
– 240
– 200
–160
–120
–80
–40
Base to emitter voltage VBE (V)
VCE=–5V
Ta=75˚C
– 25˚C
25˚C
–0.001
–0.003
–1
– 3
–0.01
–0.03
– 0.1
– 0.3
–1
–3
–10
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
600
500
400
300
200
100
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
40
80
120
160
140
100
60
20
1
3
10
30
100
Emitter current IE (mA)
VCB=–10V
Ta=25˚C
0
–1
– 5
–20
–2
8
7
6
5
4
3
2
1
–3
–50
–10
–30
–100
Collector to base voltage VCB (V)
f=1MHz
IE=0
Ta=25˚C
0
50
100
150
200
250
020
40
80
60
140
120
100
160
Ambient temperature Ta (˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com