Electronic Components Datasheet Search
  English  ▼

X  

C13253 Datasheet(PDF) 5 Page - Ledil, Inc.

Part # C13253
Description  Tina Reflector
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13253 Datasheet(HTML) 5 Page - Ledil, Inc.

  C13253 Datasheet HTML 1Page - Ledil, Inc. C13253 Datasheet HTML 2Page - Ledil, Inc. C13253 Datasheet HTML 3Page - Ledil, Inc. C13253 Datasheet HTML 4Page - Ledil, Inc. C13253 Datasheet HTML 5Page - Ledil, Inc. C13253 Datasheet HTML 6Page - Ledil, Inc. C13253 Datasheet HTML 7Page - Ledil, Inc. C13253 Datasheet HTML 8Page - Ledil, Inc. C13253 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
A
D
3
2
4
1
DESIGNED BY
mav
DATE
23.10.2012
CHECKED BY
vs
DATE
24.10.2012
DRAWN BY
mav
DATE
24.10.2012
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT
0,789g
SHEET
1/1
SIZE
A4
PART NUMBER
C13253
REV
001
DRAWING TITLE
Datasheet C13253_TINA2-R-CLIP16
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Tolerances
if not otherwise shown:
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position:
class L
Part Drawing
INDEX PART NO
DESCRIPTION
MATERIAL
1
C13253 TINA2-R-CLIP16 PC
Front view
8. 6
2
Bottom view
16.
1
7.
7
Top view
Holder clips
2
8. 6
PCB-suggestion
Led



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com