Electronic Components Datasheet Search
  English  ▼

X  

ATA5830N Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA5830N
Description  UHF ASK/FSK Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5830N Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA5830N Datasheet HTML 1Page - ATMEL Corporation ATA5830N Datasheet HTML 2Page - ATMEL Corporation ATA5830N Datasheet HTML 3Page - ATMEL Corporation ATA5830N Datasheet HTML 4Page - ATMEL Corporation ATA5830N Datasheet HTML 5Page - ATMEL Corporation ATA5830N Datasheet HTML 6Page - ATMEL Corporation ATA5830N Datasheet HTML 7Page - ATMEL Corporation ATA5830N Datasheet HTML 8Page - ATMEL Corporation ATA5830N Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
• Supported Frequency Ranges
– Low-band 310MHz to 318MHz, 418MHz to 477MHz
– High-band 836MHz to 928MHz
– 315.00MHz/433.92MHz/868.30MHz and 915.00MHz with one 24.305MHz Crystal
• Low Current Consumption
– 9.3mA for RXMode (Low-Band) 480µA for 50ms cycle 3 Channel Polling
– 9.1mA/13.8mA for TXMode (Low-Band, Pout = 6dBm/10dBm)
• Typical OFFMode Current of 5nA (Max. 600nA at Vs = 3.6V and T = 85°C)
• Programmable Output Power –12dBm to +14.5dBm (0.4dB Step)
• Input 1dB Compression Point
– –35dBm (Full Sensitivity Level)
– –20dBm (15dB reduced Sensitivity)
• Programmable Channel Frequency with Fractional-N PLL
– 93Hz Resolution for Low-Band
– 185Hz Resolution for High-Band
• FSK Deviation ±0.375kHz to ±93kHz
• FSK Sensitivity (Manchester Coded) at 433.92MHz
– –106dBm at 20Kbit/s,
Δf = ±20kHz, BW
IF = 165kHz
– –109dBm at 10Kbit/s,
Δf = ±10kHz, BW
IF = 165kHz
– –112dBm at 5Kbit/s,
Δf = ±5kHz, BW
IF = 165kHz
– –121dBm at 0.75Kbit/s,
Δf = ±0.75kHz, BW
IF = 25kHz
• ASK Sensitivity (Manchester Coded) at 433.92MHz
– –107dBm at 20Kbit/s, BW
IF = 366kHz
– –117dBm at 1Kbit/s, BW
IF = 366kHz
• Programmable RX-IF Bandwidth 25kHz to 366kHz (approx. 10% Steps)
• Blocking (BW
IF = 165kHz): 64dBC at Freq. Offset = 1MHz and 48dBC at 225kHz
• High Image Rejection 55dB (315MHz/433.92MHz) 47dB (868.3MHz/915MHz) without
Calibration
• Supported Buffered Data Rate 0.5Kbit/s to 20Kbit/s (Higher Data Rates up to 80Kbit/s
Manchester Coded and 160Kbit/s NRZ with Transparent Data In/Output)
• Supports Pattern Based Wake-Up and Start of Frame Identification
• Digital RSSI with Very High Relative Accuracy of ±1dB due to Digitized IF Processing
• Programmable Clock Output Derived from Crystal Frequency
• 24KB ROM with Atmel Firmware and Integrated AVR
® Microcontroller for Control
• 6KB In System Self Programmable Flash for an Additional Customer Application
Software
• 512 byte EEPROM Data Memory for Transceiver Configuration and 768 byte SRAM
• SPI Interface for RX/TX Data Access and Transceiver Configuration
• Configurable EVENT Signal Indicates the Status of the IC
• Automatic Antenna Tuning at TX Center Frequency for Loop Antenna
• Automatic Low Power Channel Polling (3 RKE channels, TPMS, RS)
• ID Scanning up to 18 Different IDs with 1..4 byte
• Supply Voltage Ranges 1.9V to 3.6V and 4.5V to 5.5V
• Temperature Range –40°C to +105°C
• ESD Protection at all Pins (±4kV HBM, ±200V MM, ±750V FCDM)
• Small 5mm
× 5mm QFN32 Package/Pitch 0.5mm
• Suitable for Applications Governed by EN 300 220 and FCC Part 15, Title 47
UHF ASK/FSK
Transceiver
Atmel
ATA5830
ATA5830N
Summary
9208DS–RKE–07/11


Similar Part No. - ATA5830N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
UHF ASK/FSK Transceiver
More results

Similar Description - ATA5830N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
UHF ASK/FSK TRANSCEIVER
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
UHF ASK/FSK Transceiver
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com