Electronic Components Datasheet Search
  English  ▼

X  

ATA6286N Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6286N
Description  TPMS Control and Transmitter IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6286N Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6286N Datasheet HTML 1Page - ATMEL Corporation ATA6286N Datasheet HTML 2Page - ATMEL Corporation ATA6286N Datasheet HTML 3Page - ATMEL Corporation ATA6286N Datasheet HTML 4Page - ATMEL Corporation ATA6286N Datasheet HTML 5Page - ATMEL Corporation ATA6286N Datasheet HTML 6Page - ATMEL Corporation ATA6286N Datasheet HTML 7Page - ATMEL Corporation ATA6286N Datasheet HTML 8Page - ATMEL Corporation ATA6286N Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
4958BS–AUTO–01/09
ATA6285N/ATA6286N [Preliminary]
2.4
Pin Configuration
Figure 2-3.
Pinning QFN32
PB6
PB5 (SCK)
PB4 (MISO)
PB1 (T3O)
ANT2
ANT1
XTO2
PB7 (NSS)
LF1
LF2
VCC
PC2
S2
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
16
GND
PC0
PC1
15 14 13
ATA6285N
ATA6286N
12 11 10 9
25 26 27 28 29 30 31 32
Table 2-2.
Pin Description
Pin Number
Pin Name
Alternate
Function 1
Alternate
Function 2
Function
Comment
1
PB4
MISO
PCINT4
SPI
Port B4
2
PB5
SCK
PCINT5
SPI
Port B5
3ANT2–
–
RF-antenna 2. Emitter of antenna
output stage
RF pin
4ANT1–
–
RF-antenna 1. Open collector
antenna output
RF pin
5
PB1
T3O
PCINT1
Timer3 output
Port B1
6
PB6
–
PCINT6
Port B6
7
PB7
NSS
PCINT7
SPI
Port B7
8
XT02
–
–
Switch for FSK modulation
RF pin
9
PB2
T2I
PCINT2
Timer2 external input clock
Port B2
10
XT01
–
–
Connection for crystal
RF pin
11
VS_RF
–
–
Power supply voltage for RF
RF pin
12
GND
–
–
Power supply ground for RF
RF pin
13
NRESET
debugWIRE
–
Reset input/debugWIRE interface
14
GND
–
–
Power supply ground
15
S0
–
–
Sensor input 0 – Pressure Sensor
(Cap.)
16
S1
–
–
Sensor input 1 – X – Motion Sensor
(Cap.)
17
S2
–
–
Sensor input 2 – Z - Motion Sensor
(Cap.)
18
GND
–
–
Power supply ground
Note:
1. Internal inter-die connection of the MCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com