Electronic Components Datasheet Search
  English  ▼

X  

ATA8520D Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA8520D
Description  Single-Chip SIGFOX RF Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8520D Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA8520D Datasheet HTML 1Page - ATMEL Corporation ATA8520D Datasheet HTML 2Page - ATMEL Corporation ATA8520D Datasheet HTML 3Page - ATMEL Corporation ATA8520D Datasheet HTML 4Page - ATMEL Corporation ATA8520D Datasheet HTML 5Page - ATMEL Corporation ATA8520D Datasheet HTML 6Page - ATMEL Corporation ATA8520D Datasheet HTML 7Page - ATMEL Corporation ATA8520D Datasheet HTML 8Page - ATMEL Corporation ATA8520D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ATA8520D [DATASHEET]
9390E–INDCO–11/15
4
18
PC4
Digital
Main
Alternate
: AVR Port C4
: NPWRON4
19
PC5
Digital
Main
Alternate
: AVR Port C5
: NPWRON5
20
DVCC
–
Digital supply voltage regulator output
21
DGND
–
Digital ground
22
PB0
Digital
Main
: control Front-End-Module;
='1' enable, ='0' disable
23
PB1
Digital
Main
: SCK
24
PB2
Digital
Main
: MOSI (SPI master out Slave in)
25
PB3
Digital
Main
: MISO (SPI master in Slave out)
26
PB4
Digital
Main
: PWRON
27
PB5
Digital
Main
: NSS
28
PB6
Digital
Main
: EVENT
29
PB7
Digital
Main
Alternate
: ='1' TX active, ='0' RX active
: NPWRON6
30
AGND
–
Analog ground
31
NC
–
Connected to GND
32
NC
–
Connected to GND
GND
–
Ground/backplane on exposed die pad
Table 1-1.
Pin Description (Continued)
Pin No.
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com