Electronic Components Datasheet Search
  English  ▼

X  

AD676 Datasheet(PDF) 6 Page - Analog Devices

Part # AD676
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD676 Datasheet HTML 2Page - Analog Devices AD676 Datasheet HTML 3Page - Analog Devices AD676 Datasheet HTML 4Page - Analog Devices AD676 Datasheet HTML 5Page - Analog Devices AD676 Datasheet HTML 6Page - Analog Devices AD676 Datasheet HTML 7Page - Analog Devices AD676 Datasheet HTML 8Page - Analog Devices AD676 Datasheet HTML 9Page - Analog Devices AD676 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD676
REV. A
–5–
ORDERING GUIDE
Package
Model
Temperature Range
1
S/(N+D)
Max INL
Package Description
Option
2
AD676JD
0
°C to +70°C
85 dB
Ceramic 28-Pin DIP
D-28
AD676KD
0
°C to +70°C
87 dB
±1.5 LSB
Ceramic 28-Pin DIP
D-28
AD676AD
–40
°C to +85°C
85 dB
Ceramic 28-Pin DIP
D-28
AD676BD
–40
°C to +85°C
87 dB
±1.5 LSB
Ceramic 28-Pin DIP
D-28
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the AD676/883 data sheet.
2D = Ceramic DIP.
ABSOLUTE MAXIMUM RATINGS*
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +26.4 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VCC to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +18 V
VEE to AGND . . . . . . . . . . . . . . . . . . . . . . . . –18 V to +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . 0 V to +5.5 V
Analog Inputs, VREF to AGND
. . . . . . . . . . . . . . . . . . . . . . . (VCC + 0.3 V) to (VEE – 0.3 V)
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
The AD676 features input protection circuitry consisting of large “distributed” diodes and
polysilicon series resistors to dissipate both high energy discharges (Human Body Model) and fast,
low energy pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD676
has been classified as a Category 1 Device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges as high as 4000 volts readily accumulate on the human body and test
equipment, and discharge without detection. Unused devices must be stored in conductive foam
or shunts, and the foam discharged to the destination socket before devices are removed. For further
information on ESD Precaution. Refer to Analog Devices’ ESD Prevention Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com