Electronic Components Datasheet Search
  English  ▼

X  

AD676JD Datasheet(PDF) 16 Page - Analog Devices

Part # AD676JD
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676JD Datasheet(HTML) 16 Page - Analog Devices

Back Button AD676JD Datasheet HTML 9Page - Analog Devices AD676JD Datasheet HTML 10Page - Analog Devices AD676JD Datasheet HTML 11Page - Analog Devices AD676JD Datasheet HTML 12Page - Analog Devices AD676JD Datasheet HTML 13Page - Analog Devices AD676JD Datasheet HTML 14Page - Analog Devices AD676JD Datasheet HTML 15Page - Analog Devices AD676JD Datasheet HTML 16Page - Analog Devices AD676JD Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD676
REV. A
–15–
102
80
10.5
86
82
3.5
84
2.5
92
88
90
94
96
98
100
9.5
8.5
7.5
6.5
5.5
4.5
THD
S/(N+D)
V
– Volts
REF
Figure 12. S/(N+D) and THD vs. VREF
Figure 14. 4096 Point FFT at 96 kSPS, fIN = 1.06 kHz
100
30
0
60
40
50
–60
90
70
80
–10
–20
–30
–40
–50
THD
S/(N+D)
INPUT AMPLITUDE – dB
Figure 13. S/(N+D) and THD vs. Input Amplitude
Figure 15. IMD Plot for fIN = 1008 Hz (fa),
1055 Hz (fb) at 96 kSPS
90
80
70
60
50
RIPPLE FREQUENCY – Hz
0
100
1k
10k
100k
1M
30
20
40
+5V
+12V
–12V
Figure 16. AC Power Supply Rejection (fIN = 1.06 kHz)
fSAMPLE = 96 kSPS, VRIPPLE = 0.13 V p-p
Typical Dynamic Performance–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com