Electronic Components Datasheet Search
  English  ▼

X  

AD677KD Datasheet(PDF) 7 Page - Analog Devices

Part # AD677KD
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677KD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD677KD Datasheet HTML 3Page - Analog Devices AD677KD Datasheet HTML 4Page - Analog Devices AD677KD Datasheet HTML 5Page - Analog Devices AD677KD Datasheet HTML 6Page - Analog Devices AD677KD Datasheet HTML 7Page - Analog Devices AD677KD Datasheet HTML 8Page - Analog Devices AD677KD Datasheet HTML 9Page - Analog Devices AD677KD Datasheet HTML 10Page - Analog Devices AD677KD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD677
REV. A
–6–
PIN DESCRIPTION
DIP Pin
SOIC Pin
Type
Name
Description
1
1
SAMPLE
DI
VIN Acquisition Control Pin. Active HIGH. During conversion, SAMPLE
controls the suite of the internal sample-hold amplifier and the falling edge
initiates conversion. During calibration, SAMPLE should be held LOW. If
HIGH during calibration, diagnostic information will appear on SDATA.
2
2
CLK
DI
Master Clock Input. The AD677 requires 17 clock pulses to execute a
conversion. CLK is also used to derive SCLK.
3
3
SDATA
DO
Serial Output Data Controlled by SCLK.
4
6, 7
DGND
P
Digital Ground.
58
VCC
P
+12 V Analog Supply Voltage.
8
12
AGND
P
Analog Ground.
.9
15
AGND SENSE
AI
Analog Ground Sense.
10
16
VIN
AI
Analog Input Voltage.
11
17
VREF
AI
External Voltage Reference Input.
12
21
VEE
P
–12 V Analog Supply Voltage.
13
22, 23
VDD
P
+5 V Logic Supply Voltage.
14
26
SCLK
DO
Clock Output for Data Read, derived from CLK.
15
27
BUSY
DO
Status Line for Converter. Active HIGH, indicating a conversion or
calibration in progress.
16
28
CAL
DI
Calibration Control Pin.
6, 7
4, 5, 9, 10, 11,
NC
_
No Connection. No connections should be made to these pins.
13, 14, 18, 19,
20, 24, 25
Type: AI = Analog Input
DI = Digital Input
DO = Digital Output
P = Power
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
AD677
NC = NO CONNECT
NC
AGND
CLK
SAMPLE
DGND2
NC
NC
VCC
NC
NC
NC
SDATA
DGND1
NC
CAL
BUSY
VIN
VREF
NC
NC
NC
VEE
NC
NC
SCLK
VDD1
VDD2
AGND
SENSE
SOIC Pinout
SAMPLE
CLK
DGND
NC
NC
AGND
VCC
CAL
BUSY
AGND
SENSE
VIN
VEE
VDD
VREF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
AD677
NC = NO CONNECT
SCLK
SDATA
DIP Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com