Electronic Components Datasheet Search
  English  ▼

X  

AD677BD Datasheet(PDF) 4 Page - Analog Devices

Part # AD677BD
Description  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677BD Datasheet(HTML) 4 Page - Analog Devices

  AD677BD Datasheet HTML 1Page - Analog Devices AD677BD Datasheet HTML 2Page - Analog Devices AD677BD Datasheet HTML 3Page - Analog Devices AD677BD Datasheet HTML 4Page - Analog Devices AD677BD Datasheet HTML 5Page - Analog Devices AD677BD Datasheet HTML 6Page - Analog Devices AD677BD Datasheet HTML 7Page - Analog Devices AD677BD Datasheet HTML 8Page - Analog Devices AD677BD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD677
DC SPECIFICATIONS
AD677J/A
AD677K/B
Parameter
Min
Typ
Max
Min
Typ
Max
Units
TEMPERATURE RANGE
J, K Grades
0
+70
0
+70
°C
A, B Grades
–40
+85
–40
+85
°C
ACCURACY
Resolution
16
16
Bits
Integral Nonlinearity (INL)
@ 83 kSPS, TMIN to TMAX
±1
±1
±1.5
LSB
@ 100 kSPS, +25
°C
±1+1
±1.5
LSB
@ 100 kSPS, TMIN to TMAX
±2
±2
LSB
Differential Nonlinearity (DNL)–No Missing Codes
16
16
Bits
Bipolar Zero Error
2
±2
±4
±1
±3
LSB
Positive, Negative FS Errors2
@ 83 kSPS
±2
±4
±1
±3
LSB
@ 100 kSPS, +25
°C
±2
±4
±1
±3
LSB
@ 100 kSPS
±4
±4
LSB
TEMPERATURE DRIFT
3
Bipolar Zero
±0.5
±0.5
LSB
Postive Full Scale
±0.5
±0.5
LSB
Negative Full Scale
±0.5
±0.5
LSB
VOLTAGE REFERENCE INPUT RANGE
4 (V
REF)5
10
5
10
V
ANALOG INPUT
5
Input Range (VIN)
±V
REF
±V
REF
V
Input Impedance
*
*
Input Settling Time
2
2
µs
Input Capacitance During Sample
50*
50*
pF
Aperture Delay
6
6
ns
Aperture Jitter
100
100
ps
POWER SUPPLIES
Power Supply Rejection
6
VCC = +12 V
± 5%
±0.5
±0.5
LSB
VEE = –12 V ± 5%
±0.5
±0.5
LSB
VDD = +5 V
± 10%
±0.5
±0.5
LSB
Operating Current
VREF = +5 V
ICC
14.5
18
14.5
18
mA
IEE
14.5
18
14.5
18
–mA
IDD
35
35
mA
Power Consumption
360
480
360
480
mW
VREF = +10 V
ICC
18
24
18
24
mA
IEE
18
24
18
24
–mA
IDD
35
35
mA
Power Consumption
450
630
450
630
mW
NOTES
1V
REF = 10.0 V, Conversion Rate = 100 kSPS unless otherwise noted. Values are post-calibration.
2Values shown apply to any temperature from T
MIN to TMAX after calibration at that temperature at nominal supplies.
3Values shown are based upon calibration at +25
°C with no additional calibration at temperature. Values shown are the typical variation from the value at +25 °C.
4See “APPLICATIONS” section for recommended voltage reference circuit, and Figure 11 for dynamic performance with other reference voltage values.
5See “APPLICATIONS” section for recommended input buffer circuit.
6Typical deviation of bipolar zero, –full scale or +full scale from min to max rating.
*For explanation of input characteristics, see “ANALOG INPUT” section.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
1O%)
1
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com