Electronic Components Datasheet Search
  English  ▼

X  

AD7810YN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7810YN
Description  ADC in 8-Lead microSOIC/DIP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7810YN Datasheet(HTML) 1 Page - Analog Devices

  AD7810YN Datasheet HTML 1Page - Analog Devices AD7810YN Datasheet HTML 2Page - Analog Devices AD7810YN Datasheet HTML 3Page - Analog Devices AD7810YN Datasheet HTML 4Page - Analog Devices AD7810YN Datasheet HTML 5Page - Analog Devices AD7810YN Datasheet HTML 6Page - Analog Devices AD7810YN Datasheet HTML 7Page - Analog Devices AD7810YN Datasheet HTML 8Page - Analog Devices AD7810YN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7810
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
2.7 V to 5.5 V, 2.3 s, 10-Bit
ADC in 8-Lead microSOIC/DIP
FUNCTIONAL BLOCK DIAGRAM
CLOCK
OSC
DOUT
SCLK
VREF
AGND
VDD
VIN+
VIN–
CONVST
SERIAL
PORT
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
AD7810
COMP
VDD/3
FEATURES
10-Bit ADC with 2.3
s Conversion Time
Small Footprint 8-Lead microSOIC Package
Specified Over a –40 C to +105 C Temperature Range
Inherent Track-and-Hold Functionality
Operating Supply Range: 2.7 V to 5.5 V
Specifications at 2.7 V to 5.5 V
Microcontroller-Compatible Serial Interface
Optional Automatic Power-Down
at End of Conversion
Low Power Operation
270
W at 10 kSPS Throughput Rate
2.7 mW at 100 kSPS Throughput Rate
Analog Input Range: 0 V to VREF
Reference Input Range: 0 V to VDD
APPLICATIONS
Low Power, Hand-Held Portable Applications that
Require Analog-to-Digital Conversion with 10-Bit
Accuracy; e.g., Battery Powered Test Equipment,
Battery-Powered Communications Systems
GENERAL DESCRIPTION
The AD7810 is a high speed, low power, 10-bit A/D con-
verter that operates from a single 2.7 V to 5.5 V supply. The
part contains a 2.3
µs successive approximation A/D converter,
with inherent track/hold functionality, a pseudo differential
input and a high speed serial interface that interfaces to most
microcontrollers. The AD7810 is fully specified over a tem-
perature range of –40
°C to +105°C.
By using a technique that samples the state of the CONVST
(convert start) signal at the end of a conversion, the AD7810
may be used in an automatic power-down mode. When used in
this mode, the AD7810 automatically powers down at the end
of a conversion and “wakes up” at the start of a new conversion.
This feature significantly reduces the power consumption of the
part at lower throughput rates. The AD7810 can also operate in
a high speed mode where the part is not powered down between
conversions. In this high speed mode of operation, the conver-
sion time of the AD7810 is 2.3
µs. The maximum throughput
rate is dependent on the speed of the serial interface of the
microcontroller.
The part is available in a small 8-lead, 0.3" wide, plastic dual-
in-line package (mini-DIP); in an 8-lead, small outline IC
(SOIC); and in an 8-lead microSOIC package.
PRODUCT HIGHLIGHTS
1. Complete, 10-Bit ADC in 8-Lead Package
The AD7810 is a 10-bit 2.3
µs ADC with inherent track/hold
functionality and a high speed serial interface—all in an
8-lead microSOIC package. VREF may be connected to VDD
to eliminate the need for an external reference. The result is
a high speed, low power, space saving ADC solution.
2. Low Power, Single Supply Operation
The AD7810 operates from a single 2.7 V to 5.5 V supply
and typically consumes only 9 mW of power while convert-
ing. The power dissipation can be significantly reduced at
lower throughput rates by using the automatic power-down
mode, e.g., at a throughput rate of 10 kSPS the power
consumption is only 270
µW.
3. Automatic Power-Down
The automatic power-down mode, whereby the AD7810
powers down at the end of a conversion and “wakes up”
before the next conversion, means the AD7810 is ideal for
battery powered applications. See Power vs. Throughput
Rate section.
4. Serial Interface
An easy to use, fast serial interface allows connection to most
popular microprocessors with no external circuitry.


Similar Part No. - AD7810YN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
AD7810YN AD-AD7810YN Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
More results

Similar Description - AD7810YN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV.A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV.B
AD7896 AD-AD7896 Datasheet
367Kb / 12P
2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV.B
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
This unit is 8.lead DIP package
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
ADC in 8-Lead microSOIC/DIP
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com