Electronic Components Datasheet Search
  English  ▼

X  

AD7851 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7851 Datasheet HTML 12Page - Analog Devices AD7851 Datasheet HTML 13Page - Analog Devices AD7851 Datasheet HTML 14Page - Analog Devices AD7851 Datasheet HTML 15Page - Analog Devices AD7851 Datasheet HTML 16Page - Analog Devices AD7851 Datasheet HTML 17Page - Analog Devices AD7851 Datasheet HTML 18Page - Analog Devices AD7851 Datasheet HTML 19Page - Analog Devices AD7851 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
–15–
REV. B
AD7851
CIRCUIT INFORMATION
The AD7851 is a fast, 14-bit single-supply ADC. The part
requires an external 6/7 MHz master clock (CLKIN), two
CREF capacitors, a CONVST signal to start conversion, and
power supply decoupling capacitors. The part provides the user
with track-and-hold, on-chip reference, calibration features,
ADC, and serial interface logic functions on a single chip. The
ADC section of the AD7851 consists of a conventional succes-
sive approximation converter based around a capacitor DAC.
The AD7851 accepts an analog input range of 0 V to +VDD
where the reference can be tied to VDD. The reference input to
the part is buffered on-chip.
A major advantage of the AD7851 is that a conversion can be
initiated in software as well as applying a signal to the
CONVST
pin. Another innovative feature of the AD7851 is self-calibration
on power-up, which is initiated having a capacitor from the
CAL pin to AGND, to give superior dc accuracy (see the
Automatic Calibration on Power-On section). The part is avail-
able in a 24-lead SSOP package which offers the user consider-
able space-saving advantages over alternative solutions.
CONVERTER DETAILS
The master clock for the part must be applied to the CLKIN
pin. Conversion is initiated on the AD7851 by pulsing the
CONVST input or by writing to the control register and setting
the
CONVST bit to 1. On the rising edge of CONVST (or at
the end of the control register write operation), the on-chip
track-and-hold goes from track to hold mode. The falling edge
of the CLKIN signal which follows the rising edge of the
CONVST signal initiates the conversion, provided the rising
edge of
CONVST occurs at least 10 ns typically before this
CLKIN edge. The conversion cycle will take 18.5 CLKIN peri-
ods from this CLKIN falling edge. If the 10 ns setup time is not
met, the conversion will take 19.5 CLKIN periods. The maxi-
AVDD
DVDD
AIN(+)
AIN(–)
AMODE
CREF1
CREF2
SLEEP
DIN
DOUT
SYNC
SM1
SM2
CONVST
AGND
DGND
CLKIN
SCLK
REFIN/REFOUT
POLARITY
AD7851
ANALOG (5V)
SUPPLY
0.01 F
0.1 F
10 F
DVDD
UNIPOLAR RANGE
0.01 F
SERIAL MODE
SELECTION BITS
MASTER
CLOCK
INPUT
CONVERSION
START INPUT
FRAME SYNC OUTPUT
SERIAL DATA OUTPUT
0.1 F
CAL
AUTO CAL ON
POWER-UP
INTERNAL/
EXTERNAL
REFERENCE
0V TO VREF
INPUT
7MHz/6MHz
OSCILLATOR
SERIAL CLOCK OUTPUT
DVDD
333kHz/285kHz PULSE
GENERATOR
OPTIONAL
EXTERNAL
REFERENCE
AD1584/REF198
0.01 F
ANALOG (5V)
SUPPLY
0.1 F
10 F
DIN AT DGND
=> NO WRITING
TO DEVICE
0.1 F
470nF
CH1
CH2
CH3
CH4
OSCILLOSCOPE
2 LEADING ZEROS
FOR ADC DATA
Figure 10. Typical Circuit
mum specified conversion time is 3.25
µs (6 MHz ) and 2.8 µs
(7 MHz) for the A and K Grades, respectively, for the AD7851
(19.5 tCLKIN, CLKIN = 6 MHz/7 MHz). When a conversion is
completed, the BUSY output goes low, and then the result of
the conversion can be read by accessing the data through the
edge of serial interface. To obtain optimum performance from
the part, the read operation should not occur during the conver-
sion or 500 ns prior to the next
CONVST rising edge. How-
ever, the maximum throughput rates are achieved by reading/
writing during conversion, and reading/writing during conver-
sion is likely to degrade the signal-to-(noise + distortion) by
only 0.5 dBs. The AD7851 can operate at throughput rates up
to 333 kHz. For the AD7851, a conversion takes 19.5 CLKIN
periods; 2 CLKIN periods are needed for the acquisition time
giving a full cycle time of 3.59
µs (= 279 kHz, CLKIN = 6 MHz)
for the K grade and 3.08
µs (= 325 kHz, CLKIN = 7 MHz) for
the A grade.
TYPICAL CONNECTION DIAGRAM
Figure 10 shows a typical connection diagram for the AD7851.
The DIN line is tied to DGND so that no data is written to the
part. The AGND and the DGND pins are connected together
at the device for good noise suppression. The
CAL pin has a
0.01
µF capacitor to enable an automatic self-calibration on
power-up. The SCLK and
SYNC are configured as outputs by
having SM1 and SM2 at DVDD. The conversion result is output
in a 16-bit word with 2 leading zeros followed by the MSB of
the 14-bit result. Note that after the AVDD and DVDD power up,
the part will require approximately 150 ms for the internal refer-
ence to settle and for the automatic calibration on power-up to
be completed.
For applications where power consumption is a major concern, the
SLEEP pin can be connected to DGND. (See the Power-Down
Options section for more detail on low power applications.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com