Electronic Components Datasheet Search
  English  ▼

X  

FAN7602C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN7602C
Description  Green Current Mode PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7602C Datasheet(HTML) 2 Page - ON Semiconductor

  FAN7602C Datasheet HTML 1Page - ON Semiconductor FAN7602C Datasheet HTML 2Page - ON Semiconductor FAN7602C Datasheet HTML 3Page - ON Semiconductor FAN7602C Datasheet HTML 4Page - ON Semiconductor FAN7602C Datasheet HTML 5Page - ON Semiconductor FAN7602C Datasheet HTML 6Page - ON Semiconductor FAN7602C Datasheet HTML 7Page - ON Semiconductor FAN7602C Datasheet HTML 8Page - ON Semiconductor FAN7602C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
November 2013
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7602C • Rev. 1.0.1
FAN7602C
Green Current Mode PWM Controller
Features
Green Current Mode PWM Controller
Random Frequency Fluctuation for Low EMI
Internal High-Voltage Startup Switch
Burst Mode Operation
Line Voltage Feedforward to Limit Maximum Power
Line Under-Voltage Protection
Latch Protection & Internal Soft-Start (10ms) Function
Overload Protection (OLP)
Over-Voltage Protection (OVP)
Over-Temperature Protection (OTP)
Low Operation Current: 1 mA Typical
Available in the 8-Lead SOP Package
Applications
Adapter
LCD Monitor Power
Auxiliary Power Supply
Related Resources
 AN-6014- Green Current Mode PWM Controller
(Except for frequency fluctuation part in AN-6014)
Description
The FAN7602C is a green current-mode PWM controller.
It is specially designed for off-line adapter applications;
DVDP, VCR, LCD monitor applications; and auxiliary
power supplies.
The internal high-voltage startup switch and the burst
mode operation reduce the power loss in standby mode.
As a result, the input power is lower than 1 W when the
input line voltage is 265 VAC and the load is 0.5 W. At
no-load condition, input power is under 0.15 W.
The
maximum
power
can
be
limited
constantly,
regardless of the line voltage change, using the power
limit function.
The switching frequency is not fixed and has random
frequency fluctuation.
The FAN7602C includes various protections for the
system reliability and the internal soft-start prevents the
output voltage over-shoot at startup.
Ordering Information
Part Number
Operating Junction
Temperature
Package
Packing Method
Top Mark
FAN7602CMX
-40°C to +150°C
8-Lead Small Outline Package (SOP)
Tape and Reel
FAN7602C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com