Electronic Components Datasheet Search
  English  ▼

X  

FDMF3030 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF3030
Description  Extra-Small, High-Performance, High-Frequency, DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3030 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF3030 Datasheet HTML 1Page - ON Semiconductor FDMF3030 Datasheet HTML 2Page - ON Semiconductor FDMF3030 Datasheet HTML 3Page - ON Semiconductor FDMF3030 Datasheet HTML 4Page - ON Semiconductor FDMF3030 Datasheet HTML 5Page - ON Semiconductor FDMF3030 Datasheet HTML 6Page - ON Semiconductor FDMF3030 Datasheet HTML 7Page - ON Semiconductor FDMF3030 Datasheet HTML 8Page - ON Semiconductor FDMF3030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF3030 • Rev. 1.0.0
2
Typical Application Circuit
Figure 1.
Typical Application Circuit
DrMOS Block Diagram
Figure 2.
DrMOS Block Diagram
ZCD_EN#
PWM
VCIN
VDRV
VIN
PGND
PHASE
GH
DBoot
BOOT
GL
CGND
DISB#
THWN#
Q1
HS Power
MOSFET
Input
3-State
Logic
RUP_PWM
VCIN
VCIN
UVLO
GH
Logic
Level-Shift
Dead-Time
Control
Temp.
Sense
20k
GL
Logic
10µA
10µA
RDN_PWM
Q2
LS Power
MOSFET
VSWH
VDRV
VOUT
PWM Input
VDRV
VCIN
VIN
PWM
DISB#
OFF
ON
CVDRV
CVIN
CBOOT
RBOOT
LOUT
COUT
THWN#
BOOT
CGND
PGND
DISB#
FDMF3030
ZCD_EN#
Open-Drain
Output
PHASE
V5V
VSWH
VIN
3V ~ 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com