Electronic Components Datasheet Search
  English  ▼

X  

LTQ39E Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LTQ39E
Description  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTQ39E Datasheet(HTML) 5 Page - OSRAM GmbH

  LTQ39E Datasheet HTML 1Page - OSRAM GmbH LTQ39E Datasheet HTML 2Page - OSRAM GmbH LTQ39E Datasheet HTML 3Page - OSRAM GmbH LTQ39E Datasheet HTML 4Page - OSRAM GmbH LTQ39E Datasheet HTML 5Page - OSRAM GmbH LTQ39E Datasheet HTML 6Page - OSRAM GmbH LTQ39E Datasheet HTML 7Page - OSRAM GmbH LTQ39E Datasheet HTML 8Page - OSRAM GmbH LTQ39E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LT Q39E
2015-09-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
P2
56
71
270
Q1
71
90
340
Q2
90
112
420
R1
112
140
530
R2
140
180
670
S1
180
224
850
S2
224
280
1060
T1
280
355
1330
T2
355
450
1690
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3X
2.60
2.70
3Y
2.70
2.80
3Z
2.80
2.90
4X
2.90
3.00
4Y
3.00
3.10
Group
true green
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
520
525
3
525
530
4
530
535
5
535
540
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com