Electronic Components Datasheet Search
  English  ▼

X  

LWT67C Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWT67C
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT67C Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWT67C_15 Datasheet HTML 7Page - OSRAM GmbH LWT67C_15 Datasheet HTML 8Page - OSRAM GmbH LWT67C_15 Datasheet HTML 9Page - OSRAM GmbH LWT67C_15 Datasheet HTML 10Page - OSRAM GmbH LWT67C_15 Datasheet HTML 11Page - OSRAM GmbH LWT67C_15 Datasheet HTML 12Page - OSRAM GmbH LWT67C_15 Datasheet HTML 13Page - OSRAM GmbH LWT67C_15 Datasheet HTML 14Page - OSRAM GmbH LWT67C_15 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 3.1 (Replacement in due course)
LW T67C
2015-04-30
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 85 °C
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
IF
mA
OHL21573
5
10
15
20
25
temp. ambient
TA
TA
TS
OHL01969
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
0.05
0.10
0.15
0.20
0.25
0.35
1
OHL01962
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
0.05
0.10
0.15
0.20
0.25
0.35
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com