Electronic Components Datasheet Search
  English  ▼

X  

1PS79SB63 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1PS79SB63
Description  5 V, 20 mA low Cd Schottky barrier diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS79SB63 Datasheet(HTML) 2 Page - NXP Semiconductors

  1PS79SB63 Datasheet HTML 1Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 7Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 8Page - NXP Semiconductors 1PS79SB63 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9397 750 13846
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 3 December 2004
2 of 10
Philips Semiconductors
1PS66SB63; 1PS79SB63
5 V, 20 mA low Cd Schottky barrier diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
1PS66SB63 (SOT666)
1
anode (diode 1)
2
anode (diode 2)
3
anode (diode 3)
4
cathode (diode 3)
5
cathode (diode 2)
6
cathode (diode 1)
1PS79SB63 (SOD523)
1
cathode
[1]
2
anode
SOT666
12
3
4
5
6
6
1
5
2
4
3
sym046
12
Top view
sym001
12
Table 4:
Ordering information
Type number
Package
Name
Description
Version
1PS66SB63
-
plastic surface mounted package; 6 leads
SOT666
1PS79SB63
SC-79
plastic surface mounted package; 2 leads
SOD523
Table 5:
Marking codes
Type number
Marking code
1PS66SB63
N4
1PS79SB63
T1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com