Electronic Components Datasheet Search
  English  ▼

X  

2N2150 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2150
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2150 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2150 Datasheet HTML 1Page - Microsemi Corporation 2N2150 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2150, 2N2151 JANTX SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 5.0 Vdc
IC = 0.5 Adc, VCE = 5.0 Vdc
2N2150
IC = 0.1 Adc, VCE = 5.0 Vdc
IC = 1.0 Adc, VCE = 5.0 Vdc
2N2151
IC = 0.5 Adc, VCE = 5.0 Vdc
IC = 0.1 Adc, VCE = 5.0 Vdc
hFE
20
20
20
40
40
40
60
60
120
120
Base-Emitter Voltage Non -Saturated
VCE = 5.0 Vdc, IC =1.0 Adc
VBE
1.2
Vdc
Collector-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
VCE(sat)
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
VBE(sat)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.1 mAdc, VCE = 30 Vdc, f = 10 MHz
h
fe
1.0
7.0
Output Capacitance
VCB = 20 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
160
pF
SAFE OPERATING AREA
Test 1
VCE = 15 Vdc, IC = 2.0 Adc
Test 2
VCE = 57 Vdc, IC = 200 mAdc
Test 3
VCE = 100 Vdc, IC = 25 mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com