Electronic Components Datasheet Search
  English  ▼

X  

2N4427 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2N4427
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N4427 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2N4427 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 50 mA
20
V
BVCER
IC = 5.0 mA
RBE = 10
Ω
40
V
BVEBO
IC = 100
µA
3.5
V
ICEX
VCE = 40 V
VBE = -1.5 V
0.1
mA
IEBO
VEB = 20 V
0.1
mA
hFE
VCE = 5.0 V
IC = 100 mA
IC = 380 mA
10
5.0
200
---
VCE(SAT)
IC = 100 mA
IB = 20 mA
0.5
V
ft
VCE = 15 V
IC = 50 mA
f = 200 MHz
500
MHz
COB
VCB = 12 V
f = 1.0 MHz
4.0
pF
Pin
ηηηη
VCC = 12 V
f = 175 MHz
Pout = 1.0 W
35
75
mW
%
NPN SILICON HIGH FREQUENCY TRANSISTOR
2N4427
PACKAGE STYLE TO-39
1 = EMITTER
2 = BASE
3 = COLLECTOR
DESCRIPTION:
The
ASI 2N4427 is a High Frequency
Transistor Designed for Amplifier and
Oscillator Applications.
MAXIMUM RATINGS
IC
400 mA
VCE
20 V
PDISS
3.5 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
50 °C/W


Similar Part No. - 2N4427

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N4427 PHILIPS-2N4427 Datasheet
45Kb / 9P
Silicon planar epitaxial overlay transistors
1995 Oct 27
logo
STMicroelectronics
2N4427 STMICROELECTRONICS-2N4427 Datasheet
132Kb / 3P
VHF OSCILLATOR POWER AMPLIFIER
Jan-1989
logo
Microsemi Corporation
2N4427 MICROSEMI-2N4427 Datasheet
245Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
2N4427 CENTRAL-2N4427 Datasheet
55Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N4427 ETC1-2N4427 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
More results

Similar Description - 2N4427

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com