Electronic Components Datasheet Search
  English  ▼

X  

PE4429 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4429
Description  N Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4429 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4429 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4429 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4429 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4429 type N male connector with crimp/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our type N male connector
operates up to a maximum frequency of 1,000 MHz and offers good VSWR of 1.5:1.
Our type N male connector PE4429 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.5:1
Operating Voltage (AC)
900
Vrms
.
Mechanical Specifications
Size
Length
1.304 in [33.12 mm]
Width/Dia.
0.8 in [20.32 mm]
.
Weight
0.062 lbs [28.12 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100, 0.100 inch PE4429
PE4429 REV 1.2
N Male Connector Crimp/Solder Attachment for RG174,
RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4429


Similar Part No. - PE4429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44290 PASTERNACK-PE44290 Datasheet
118Kb / 1P
7/16 MALE SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results

Similar Description - PE4429

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550_17 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4048 PASTERNACK-PE4048_16 Datasheet
360Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4329 PASTERNACK-PE4329 Datasheet
652Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4430 PASTERNACK-PE4430_16 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4432 PASTERNACK-PE4432_16 Datasheet
318Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4483 PASTERNACK-PE4483_17 Datasheet
367Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE4510 PASTERNACK-PE4510_16 Datasheet
356Kb / 4P
75 Ohm N Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com