Electronic Components Datasheet Search
  English  ▼

X  

PE4432 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4432
Description  N Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4432 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4432 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4432 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4432 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• 50 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4432 type N male connector with crimp/solder attachment for RG59, RG62 and RG71 is part of our full line of
RF components available for same-day shipping.
Our type N male connector PE4432 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.325 in [33.66 mm]
Width/Dia.
0.8 in [20.32 mm]
.
Weight
0.073 lbs [33.11 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment for RG59, RG62, RG71 PE4432
PE4432 REV 1.1
N Male Connector Crimp/Solder Attachment
for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4432


Similar Part No. - PE4432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44321 PASTERNACK-PE44321 Datasheet
205Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG6-CATV
PE44322 PASTERNACK-PE44322 Datasheet
273Kb / 3P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
PE44323 PASTERNACK-PE44323 Datasheet
261Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG59, RG62
More results

Similar Description - PE4432

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550_17 Datasheet
358Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4048 PASTERNACK-PE4048_16 Datasheet
360Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4329 PASTERNACK-PE4329 Datasheet
652Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4429 PASTERNACK-PE4429_16 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4430 PASTERNACK-PE4430_16 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4483 PASTERNACK-PE4483_17 Datasheet
367Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE4510 PASTERNACK-PE4510_16 Datasheet
356Kb / 4P
75 Ohm N Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com