Electronic Components Datasheet Search
  English  ▼

X  

PE4438 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4438
Description  N Female Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4438 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4438 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4438 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4438 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4438 type N female connector with crimp/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping.
Our type N female connector PE4438 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.585 in [40.26 mm]
Width/Dia.
0.625 in [15.88 mm]
.
Weight
0.066 lbs [29.94 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, LMR-100, PE-
B100, PE-C100, 0.100 inch PE4438
PE4438 REV 1.1
N Female Connector Crimp/Solder Attachment for RG174,
RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4438


Similar Part No. - PE4438

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44383 PASTERNACK-PE44383 Datasheet
226Kb / 3P
SSMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4438

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44475 PASTERNACK-PE44475 Datasheet
206Kb / 2P
RP N Female Connector Crimp-Solder Attachment
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4134 PASTERNACK-PE4134_16 Datasheet
353Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4191 PASTERNACK-PE4191 Datasheet
349Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4308 PASTERNACK-PE4308_16 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4412 PASTERNACK-PE4412_16 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4413 PASTERNACK-PE4413_13 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com