Electronic Components Datasheet Search
  English  ▼

X  

AFE2256 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE2256
Description  256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE2256 Datasheet(HTML) 6 Page - Texas Instruments

  AFE2256 Datasheet HTML 1Page - Texas Instruments AFE2256 Datasheet HTML 2Page - Texas Instruments AFE2256 Datasheet HTML 3Page - Texas Instruments AFE2256 Datasheet HTML 4Page - Texas Instruments AFE2256 Datasheet HTML 5Page - Texas Instruments AFE2256 Datasheet HTML 6Page - Texas Instruments AFE2256 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.ti.com
PACKAGE OUTLINE
(0.5) TYP
TRACE PITCH
1.5 MAX
TYP
CUT LINE
28
0.05
CUT LINE
38
0.05
2.45
0.2
CUT LINE
25.5
0.05
4.919
0.2
5.886
0.05
9.159
0.05
(6.89)
(17.5)
(0.1) TYP
TRACE PITCH
(0.05) TYP
TRACE WIDTH
(0.25) TYP
TRACE WIDTH
0.076 MAX
0.8 MAX
2X (0.219)
(0.5)
2X
(0.536)
(0.05) TYP
2X (1.244)
2X (0.29)
2X (0.37)
2X
(0.256)
(1.578)
4221694/B 10/2016
COF - 0.8 mm max height
TDU0320A
CHIP ON FLEX
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Flip chip application only.
PP1
PP50
PG1
PG270
DIE
SIDE
GLASS
PCB
SIDE
SYMM
COPPER SIDE UP
SEE DETAIL A
SEE DETAIL B
DIE
SOLDER RESIST
COPPER
STIFFENER
POLYIMIDE
SIDE VIEW
NOT TO SCALE
A 15.000
DETAIL A
B 10.000
DETAIL B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com