Electronic Components Datasheet Search
  English  ▼

X  

74LVC162244ADL Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC162244ADL
Description  16-bit buffer/line driver, 30 OHM series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162244ADL Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC162244ADL Datasheet HTML 8Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 9Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 10Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 11Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 12Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 13Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 14Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 15Page - NXP Semiconductors 74LVC162244ADL Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2003 Dec 12
13
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30
Ω series termination
resistors; 5 V tolerant input/output; 3-state
74LVC162244A;
74LVCH162244A
PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
16.00
15.75
7.6
7.4
0.635
1.4
0.25
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT370-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
48
25
MO-118
24
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
A
max.
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com