Electronic Components Datasheet Search
  English  ▼

X  

160CMQ Datasheet(PDF) 2 Page - International Rectifier

Part # 160CMQ
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

160CMQ Datasheet(HTML) 2 Page - International Rectifier

  160CMQ Datasheet HTML 1Page - International Rectifier 160CMQ Datasheet HTML 2Page - International Rectifier 160CMQ Datasheet HTML 3Page - International Rectifier 160CMQ Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
160CMQ... Series
2
PD-2.254 rev. A 12/97
www.irf.com
T
J
Max. Junction Temperature Range
-55 to 150
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.0
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC
Max. Thermal Resistance Junction
0.50
°C/W DC operation
to Case (Per Package)
R
thCS
Typical Thermal Resistance, Case
0.10
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
58 (2.0)
g (oz.)
T
Mounting Torque
Min.
40 (35)
Max.
58 (50)
Case Style
TO - 249AA
JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.64
V
@ 80A
(Per Leg) * See Fig. 1
(1)
0.86
V
@ 160A
0.60
V
@ 80A
0.76
V
@ 160A
I
RM
Max. Reverse Leakage Current
5
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
200
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance (Per Leg)
2600
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured from terminal hole to terminal hole
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM
applied
Parameters
160CMQ Units
Conditions
I
F(AV)
Max. Average Forward Current
160
A
50% duty cycle @ T
C
= 69 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
6400
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg) *SeeFig.7
750
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
108
mJ
T
J
= 25 °C, I
AS
= 16 Amps, L = 0.84 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
16
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
A
Part number
160CMQ035
160CMQ040
160CMQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
35
40
45
Parameters
160CMQ Units
Conditions
Parameters
160CMQ Units
Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com