Electronic Components Datasheet Search
  English  ▼

X  

JAF Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JAF
Description  Axial Aluminum Electrolytic Capacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JAF Datasheet(HTML) 1 Page - jb Capacitors Company

  JAF Datasheet HTML 1Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Ø
Low Dissipation Factor
Ø
Specially produced for Cross-Over Networks with high fidelity audio system
Ø
High-quality crossover non-polar aluminum electrolytic capacitors
Ø
Product mainly used: audio converters and dividers (partials), Audio amp,
automotive electronics products, speaker.
SPECIFICATIONS
Operating Temperature Range (℃)
-40℃ ~ +105℃
Capacitance Tolerance
±
10% ( K ) at 1KHZ
Voltage Range
50V, 100V
Leakage Current
Load Life
MAX Dissipation Factor
MAX. 0.03CV + 3μA After 5 minutes application of rated working voltage
After 1,000 hours application of rated voltage at 105 ±2℃, capacitors meet the characteristics
requirement listed at right.
(a)
Capacitance change: Within ±25% of initial
(b)
Tan δ:200% or less of initial specified
(c)
Leakage current : Install specified value or less
MAX 10% at 120Hz
DIMENSIONS (mm)
Lead Diameter:
∮ D
8
10
13
16
18
22
∮ d
0.6
0.6
0.6
0.8
0.8
0.8
0.8
α
0.8
1.5
2.0
2.0
2.0
2.0
2.0
DIMENSIONS: Diameter (DØ) x Length (L) m/m
V.DC
50 V
100 V
V.DC
50 V
100 V
µf
D x L
D x L
µf
D x L
D x L
47
10x19
13x27
350
16x38
18x44
68
13x27
13x32
400
16x42
22x44
82
13x27
13x32
500
16x42
22x44
100
13x27
16x34
600
16x42
25x52
150
13x32
16x34
700
18x44
25x52
220
13x32
16x42
800
18x44
25x52
250
13x32
16x42
900
18x44
25x52
300
16x34
18x44
1000
22x44
25x52
330
16x34
18x44
Please visit our website to get more update data, those data & specification are subject to change without notice.
Non-Polarized (Bi-Polarized) Axial Aluminum Electrolytic Capacitor –JAF
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JAF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JAF10-10-125-X11 ETC-JAF10-10-125-X11 Datasheet
1Mb / 17P
Floating Joint
JAF10-14-150-X11 ETC-JAF10-14-150-X11 Datasheet
1Mb / 17P
Floating Joint
JAF10-18-150-X11 ETC-JAF10-18-150-X11 Datasheet
1Mb / 17P
Floating Joint
JAF10-22-150-X11 ETC-JAF10-22-150-X11 Datasheet
1Mb / 17P
Floating Joint
JAF10-26-150-X11 ETC-JAF10-26-150-X11 Datasheet
1Mb / 17P
Floating Joint
More results

Similar Description - JAF

ManufacturerPart #DatasheetDescription
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
logo
jb Capacitors Company
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
Axial Aluminum Electrolytic Capacitor
JAB JBCAPACITORS-JAB Datasheet
200Kb / 2P
Axial Aluminum Electrolytic Capacitor
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
Axial Aluminum Electrolytic Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com