Electronic Components Datasheet Search
  English  ▼

X  

JCS Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCS
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCS Datasheet(HTML) 2 Page - jb Capacitors Company

  JCS_17 Datasheet HTML 1Page - jb Capacitors Company JCS_17 Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
Φ
4~Φ10
0.1~68µF
0.70
1.00
1.17
1.36
1.50
100~3300µF
0.85
1.00
1.08
1.20
1.30
Φ
12.5
~68µF
0.75
1.00
1.35
1.57
2.00
100~680µF
0.8
1.00
1.23
1.34
1.50
1000~10000µF
0.85
1.00
1.10
1.13
1.15
STANDARD SIZE
WV
Cap.(μF)
4
6.3
10
16
25
0G
0J
1A
1C
1E
4.7
4R7
--
--
--
--
--
--
--
--
--
--
10
100
--
--
--
--
--
--
4×5.4
25
5x5.4
(4x5.4)
28
(20)
15
150
--
--
--
--
--
--
4×5.4
28
5×5.4
34
22
220
--
--
4×5.4
31
5×5.4
(4×5.4)
35
(28)
5×5.4
(4×5.4)
39
(28)
6.3×5.4
(5×5.4)
52
(35)
33
330
4×5.4
26
5×5.4
(4×5.4)
39
(31)
5×5.4
(4×5.4)
43
(32)
6.3×5.4
(5×5.4)
57
(40)
6.3×5.4
(5×5.4)
63
(42)
47
470
4×5.4
34
5×5.4
(4×5.4)
47
(36)
6.3×5.4
(5×5.4)
59
(43)
6.3×5.4
(5×5.4)
68
(44)
6.3×5.4
68
56
560
4×5.4
39
5×5.4
46
6.3×5.4
57
6.3×5.4
74
6.3×5.4
82
68
680
5×5.4
45
6.3×5.4
(5×5.4)
62
(52)
6.3×5.4
72
6.3×5.4
80
6.3×5.4
94
100
101
5×5.4
61
6.3×5.4
(5×5.4)
71
(55)
5x5.4
6.3×5.4
55
76
6.3×5.4
86
6.3×7.7
130
150
151
6.3×5.4
74
6.3×5.4
78
6.3×5.4
88
6.3×7.7
135
8×10.5
(6.3 x 7.7)
200
(130)
220
221
6.3×5.4
82
6.3×5.8
95
6.3x5.8
6.3×7.7
95
150
8×10.5
6.3×7.7
215
(150)
8×10.5
250
330
331
6.3×7.7
150
6.3×7.7
(8×6.2)
150
(300)
8×10.5
280
8×10.5
280
10×10.5
(8×10.5)
340
(310)
470
471
6.3×7.7
150
8×10.5
(6.3×7.7)
300
(150)
10x10.5
(8×10.5)
320
(300)
10×10.5
(8×10.5)
420
(330)
10×10.5
400
680
681
8×10.5
300
8×10.5
300
10×10.5
380
10×10.5
450
10x13.5
550
1000
102
8×10.5
330
10×10.5
(8×10.5)
430
(330)
10×10.5
450
12.5x13.5
(10x13.5)
(10×10.5)
710
(550)
(490)
12.5x13.5
820
1500
152
10×10.5
450
10×13.5
(10×10.5)
650
(450)
10x13.5
650
12.5x13.5
750
--
--
2200
222
10x13.5
(10×10.5)
620
(480)
12.5x13.5
(10x13.5)
890
(720)
12.5x13.5
960
--
--
--
--
3300
332
10x13.5
700
(12.5x13.5)
(900)
--
--
--
--
--
--
4700
472
12.5x13.5
850
--
--
--
--
--
--
--
--
6800
682
--
--
--
--
--
--
--
--
--
--
10000
103
--
--
--
--
--
--
--
--
Case Size
Ripple Current
WV
Cap.(μF)
35
50
63
100
1V
1H
1J
2A
0.1
0R1
--
--
4×5.4
1.0
4×5.4
1.0
--
--
0.22
R22
--
--
4×5.4
2.3
4×5.4
2.3
--
--
0.33
R33
--
--
4×5.4
3.5
4×5.4
3.5
--
--
0.47
R47
--
--
4×5.4
5.0
4×5.4
5.0
--
--
1
010
--
--
4×5.4
10
4×5.4
10
4×5.4
10
1.5
1R5
--
--
4×5.4
12
4×5.4
12
6.3×5.4
15
2.2
2R2
--
--
4×5.4
15
4×5.4
15
6.3×5.4
20
3.3
3R3
--
--
4×5.4
18
5×5.4
20
6.3×7.7
(6.3×5.4)
45
(28)
4.7
4R7
--
--
5×5.4
(4×5.4)
23
(19)
6.3×5.4
(5×5.4)
30
(23)
6.3×7.7
(6.3×5.4)
50
(30)
10
100
5×5.4
(4×5.4)
30
(20)
6.3×5.4
(5×5.4)
34
(27)
6.3×7.7
(6.3×5.4)
55
(34)
8×10.5
(6.3×7.7)
110
(50)
22
220
6.3×5.4
54
6.3×5.4
60
8×10.5
(6.3×7.7)
140
(70)
10×10.5
(8×10.5)
180
(120)
33
330
6.3×5.4
60
6.3×7.7
85
8×10.5
(6.3×7.7)
160
(85)
10×10.5
190
47
470
6.3×5.4
70
10×10.5
(8×10.5)
(6.3×7.7)
130
(110)
(90)
10×10.5
(8×10.5)
230
(170)
--
--
56
560
6.3×7.7
80
6.3×7.7
110
10×10.5
250
--
--
68
680
6.3×7.7
110
8×10.5
170
10×10.5
260
--
--
100
101
8×10.5
(6.3×7.7)
175
(120)
10×10.5
(8×10.5)
240
(200)
12.5x13.5
(10x13.5)
(10x10.5)
380
(290)
(280)
12.5x13.5
440
150
151
8×10.5
220
10×10.5
240
10 x 13.5
310
--
--
220
221
10×10.5
(8×10.5)
310
(270)
10×13.5
(10×10.5)
400
(320)
12.5x13.5
(10x13.5)
580
(330)
--
--
330
331
10×10.5
350
12.5x13.5
(10x13.5)
600
(420)
--
--
--
--
470
471
12.5x13.5
(10x13.5)
(10×10.5)
600
(530)
(400)
--
--
--
--
--
--
680
681
12.5x13.5
(10x13.5)
750
(560)
--
--
--
--
Case
size
Allowable
ripple
1000
102
--
--
--
--
--
--
2200
222
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com