Electronic Components Datasheet Search
  English  ▼

X  

JCV Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCV
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCV Datasheet(HTML) 2 Page - jb Capacitors Company

  JCV Datasheet HTML 1Page - jb Capacitors Company JCV Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY COEFFICIENT
Frequency
120Hz
1kHz
10kHz
120kHz
Coefficient
1.00
1.25
1.40
1.60
STANDARD SIZE
WV
160
200
250
400
450
μF
DxL
Tan δ
mA
DxL
Tan δ
mA
DxL
Tan δ
mA
DxL
Tan δ
mA
DxL
Tan δ
mA
1
--
--
--
--
--
--
6.3x10.2
0.25
9
6.3x10.2
0.25
8
8x10.2
0.30
13
1.5
--
--
--
--
--
--
6.3x10.2
0.25
12
6.3x10.2
0.25
10
8x10.2
0.30
16
2.2
--
--
--
--
--
--
6.3x10.2
0.25
14
6.3x10.2
0.25
12
8x10.2
0.30
18
3.3
--
--
--
--
--
--
6.3x10.2
0.25
16
8x10.2
0.25
18
8x12.5
0.30
22
4.7
--
--
--
8x10.2
0.20
22
8x10.2
0.25
23
8x10.2
0.25
28
10x10.2
0.30
32
5.6
--
--
--
8x10.2
0.20
24
8x10.2
0.25
25
8x12.5
0.25
34
10x12.5
0.30
43
6.8
6.3x10.2
0.20
24
8x10.2
0.20
27
8x10.2
0.25
27
10x10.2
0.25
40
10x12.5
0.30
48
8.2
8x10.2
0.20
32
8x10.2
0.20
30
10x10.2
0.25
33
10x12.5
0.25
47
--
--
--
10
8x10.2
0.20
39
8x12.5
0.20
34
10x10.2
0.25
41
10x12.5
0.25
53
--
--
--
12
8x10.2
0.20
42
8x12.5
0.20
37
10x10.2
0.25
45
--
--
--
--
--
--
15
10x10.2
0.20
50
10x10.2
0.20
48
10x12.5
0.25
60
--
--
--
--
--
--
22
10x12.5
0.20
57
--
--
--
--
--
--
--
--
--
--
--
--
Rated ripple current (mA, 105
℃, 120Hz)
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCV
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com