Electronic Components Datasheet Search
  English  ▼

X  

JCW Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCW
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCW Datasheet(HTML) 1 Page - jb Capacitors Company

  JCW Datasheet HTML 1Page - jb Capacitors Company JCW Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
Life time 105℃ 10000hrs standard product
Ø
High stability and reliability
Ø
Reflow soldering is available
Ø
Available for high densify surface mounting
SPECIFICATIONS
Category Temperature Range
-40
℃ ~ +105℃
Rated Voltage Range
6.3V ~ 450V.DC
Capacitance Range
1 ~ 1000μF
Capacitance Tolerance
±20% (120Hz, 20
℃)
Leakage Current
6.3V ~ 50V.DC
160V ~ 450V.DC
20℃
I≤ 0.03CV (μA) or 4 (μA)
whichever is greater (after 2 minutes)
I≤ 0.04CV + 100 (μA)
(after 2 minutes)
I = Leakage Current (μA)
C = Nominal Capacitance (μF)
V = Rated Voltage (V)
Dissipation Factor (MAX)
Tan δ (20
℃, 120Hz)
Rated Voltage (V)
6.3
10
16
25
35
50
160~250
400~450
Tanδ
0.32
0.28
0.26
0.16
0.14
0.14
0.20
0.24
Load Life
In 105℃ degrees Celsius environment, continuous application of rated voltage for 10000 hours, after
16 hours was measured at room temperature, the capacitors shall meet the following requirements :
Rated Voltage (V)
6.3V ~ 50V
160V ~ 450V
Capacitance Change
Within ± 30% of the initial value
Within ± 20% of the initial value
Dissipation Factor
Not more than 300% of the
specified value
Not more than 200% of the
specified value
Leakage Current
Not more than the specified value
Not more than the specified value
Shelf Life
In 105℃ degrees Celsius environment, without load for 1000 hours, after 16 hours was measured at
room temperature, the capacitors shall meet the following requirements :
Rated Voltage (V)
6.3V ~ 50V
160V ~ 450V
Capacitance Change
Within ± 30% of the initial value
Within ± 20% of the initial value
Dissipation Factor
Not more than 300% of the
specified value
Not more than 200% of the
specified value
Leakage Current
Within 300% of initial specified
value
Within 200% of initial specified
value
Resistance to Soldering Heat
The capacitors shall be kept on then hot plate maintained at 250℃ for 30 seconds. After removing from
the hot plate and restored at room temperature, they meet the following requirement:
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Not more than the initial specified value
Leakage Current
Not more than the initial specified value
Low Temperature Stability
Impedance Ratio (MAX) 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
160~250
400~450
Z-25℃ / Z+20℃
4
3
2
2
2
2
6
6
Z-55℃ / Z+20℃
10
8
6
4
3
3
10
18
DRAWING (Unit: mm)
Fig. 1 (Φ4 ~ Φ10)
Fig. 2 (≥Φ12.5)
ΦD
L
A
B
C
E
H
Fig.
No.
6.3
7.7±0.3
7.2
6.6
6.6
2.1
0.5~0.9
1
6.3
10.2±0.3
7.2
6.6
6.6
2.1
0.5~0.9
1
8
10.2±0.5
9.1
8.3
8.3
3.1
0.8~1.1
1
8
12.5±0.5
9.1
8.3
8.3
3.1
0.8~1.1
1
10
10.2±0.5
11.1
10.3
10.3
4.5
0.8~1.1
1
10
12.5±0.5
11.1
10.3
10.3
4.5
0.8~1.1
1
12.5
13.5±0.5
13.7
13.0
13.0
4.4
1.0~1.4
2
12.5
16±0.5
13.7
13.0
13.0
4.4
1.0~1.4
2
16
16.5±0.5
18.0
17.0
17.0
6.4
1.0~1.4
2
16
21.5±0.5
18.0
17.0
17.0
6.4
1.0~1.4
2
18
16.5±0.5
20.0
19.0
19.0
6.4
1.0~1.4
2
18
21.5±0.5
20.0
19.0
19.0
6.4
1.0~1.4
2
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCW
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCW

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JCW-1/2E COOPER-JCW-1/2E Datasheet
9Mb / 72P
PT Medium voltage fuses for potential and small power transformers
JCW-1E COOPER-JCW-1E Datasheet
9Mb / 72P
PT Medium voltage fuses for potential and small power transformers
JCW-2E COOPER-JCW-2E Datasheet
9Mb / 72P
PT Medium voltage fuses for potential and small power transformers
JCW-3E COOPER-JCW-3E Datasheet
9Mb / 72P
PT Medium voltage fuses for potential and small power transformers
JCW-4E COOPER-JCW-4E Datasheet
9Mb / 72P
PT Medium voltage fuses for potential and small power transformers
More results

Similar Description - JCW

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_15 Datasheet
398Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCL JBCAPACITORS-JCL_15 Datasheet
295Kb / 3P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCC JBCAPACITORS-JCC_15 Datasheet
190Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_17 Datasheet
260Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_17 Datasheet
350Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_17 Datasheet
357Kb / 3P
SMD Aluminum Electrolytic Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com