Electronic Components Datasheet Search
  English  ▼

X  

1090MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1090MP
Description  90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1090MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1090MP Datasheet HTML 1Page - List of Unclassifed Manufacturers 1090MP Datasheet HTML 2Page - List of Unclassifed Manufacturers 1090MP Datasheet HTML 3Page - List of Unclassifed Manufacturers 1090MP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
1090 MP
90 Watts, 50 Volts, Pulsed
Avionics 1025 - 1150 MHz
GENERAL DESCRIPTION
The 1090MP is a COMMON BASE bipolar transistor. It is designed for
pulsed systems in the frequency band 1025-1150 MHz. The transistor
includes input prematch for broadband capability. The device has gold thin-
film metallization for proven highest MTTF. Low thermal resistance package
reduces junction temperature, extends life.
CASE OUTLINE
55FU, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
250 Watts Peak
o2
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
60 Volts
BVebo
Emitter to Base Voltage
4.0 Volts
Ic
Collector Current
6.0 Amps Peak
Maximum Temperatures
Storage Temperature
- 65 to +150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
Broadband Power Out
Power Input
Broadband Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 1025-1150 MHz
Vcc = 50 Volts
PW = 10
µsec
DF =1%
F = 1090 MHz
90
8.0
35
98
8.5
38
14
10:1
Watts
Watts
d B
%
BVebo
BVces
Cob
hFE
θjc1
Emitter to Base Breakdown
Collector to Emitter Breakdown
Capacitance Collector to Base
DC - Current Gain
Thermal Resistance
Ie = 1 mA
Ie = 10 mA
Vcb = 50 V
Ic= 500mA,Vcc= 5V
Tc=25
C
3.5
65
15
16
120
0.6
Volts
Volts
pF
C/W
o
Note1: At Rated Power Output and pulse conditions
.
2: Maximum Ratings are for RF Amplifier Operation
Issue Aug 1996


Similar Part No. - 1090MP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1090MP ADPOW-1090MP Datasheet
173Kb / 2P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
logo
Microsemi Corporation
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
More results

Similar Description - 1090MP

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1090MP ADPOW-1090MP Datasheet
173Kb / 2P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
logo
GHz Technology
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com