Electronic Components Datasheet Search
  English  ▼

X  

AD5273 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5273
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 1 Page - Analog Devices

  AD5273 Datasheet HTML 1Page - Analog Devices AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or other-
wise under any patent or patent rights of Analog Devices.Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002. All rights reserved.
AD5273
64-Position OTP Digital Potentiometer
GENERAL DESCRIPTION
The AD5273 is a 64-position, One-Time-Programmable (OTP)
digital potentiometer
4 that employs fuse link technology to achieve
the permanent program setting. This device performs the same
electronic adjustment function as most mechanical trimmers and
variable resistors. It allows unlimited adjustments before perma-
nently setting the resistance values. The AD5273 is programmed
using a 2-wire, I
2C compatible digital control. During the write
mode, a fuse blow command is executed after the final value
is determined, therefore freezing the wiper position at a given
setting (analogous to placing epoxy on a mechanical trimmer).
When this permanent setting is achieved, the value will not change
regardless of the supply variations or environmental stresses under
normal operating conditions. To verify the success of permanent
programming, Analog Devices patterned the OTP validation such
that the fuse status can be discerned from two validation bits in
the read mode.
FUNCTIONAL BLOCK DIAGRAM
GND
I2C INTERFACE
AND
CONTROL LOGIC
A
W
B
WIPER
REGISTER
FUSE
LINK
VDD
A0
SDA
SCL
AD5273
In addition, for applications that program AD5273 at the factory,
Analog Devices offers device programming software
2 running in
Windows
® NT, 2000, and XP operating systems. This software
application effectively replaces any external I
2C controllers, which
in turn enhances users’ systems time-to-market.
AD5273 is available in 1 k , 10 k , 50 k , and 100 k
in
compact SOT23 8-lead standard package and operates from
–40°C to +105°C.
Besides its unique OTP feature, the AD5273 lends itself well to
general digital potentiometer applications due to its effective
resolution, array resistance options, small footprint, and low cost.
An AD5273 evaluation kit and software are available.The kit includes
the connector and cable that can be converted for further factory
programming applications.
For applications that require dynamic adjustment of resistance
settings with nonvolatile EEMEM, users should refer to AD523x
and AD525x families of nonvolatile memory digital potentiometers.
NOTES
1 One-Time-Programmable—Unlimited adjustments before permanent setting.
2 ADI cannot guarantee the software to be 100% compatible in all systems due to
the wide variations in computer configurations.
3 Applies to 1 k parts only.
4 The terms digital potentiometer, VR, and RDAC are used interchangeably.
FEATURES
64 Positions
OTP (One-Time-Programmable)1 Set-and-Forget
Resistance Setting
1 k , 10 k , 50 k , 100 k
End-to-End Terminal Resistance
Compact Standard SOT23-8 Package
Ultralow Power: IDD = 5 A Max
Fast Settling Time: tS = 5 s Typ in Power-Up
I2C Compatible Digital Interface
Computer Software2 Replaces
C in Factory Programming
Applications
Wide Temperature Range: –40 C to +105 C
5 V Programming Voltage
Low Operating Voltage, 2.7 V to 5.5 V
OTP Validation Check Function
APPLICATIONS
Systems Calibrations
Electronics Level Settings
Mechanical Trimmers® Replacement in New Designs
Automotive Electronics Adjustments
Transducer Circuits Adjustments
Programmable Filters up to 6 MHz BW3
REV. 0


Similar Part No. - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
AD5270BCPZ-100-RL7 AD-AD5270BCPZ-100-RL7 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BCPZ-20-RL7 AD-AD5270BCPZ-20-RL7 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BRMZ-100 AD-AD5270BRMZ-100 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
More results

Similar Description - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com