Electronic Components Datasheet Search
  English  ▼

X  

AD5337 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5337
Description  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5337 Datasheet HTML 16Page - Analog Devices AD5337 Datasheet HTML 17Page - Analog Devices AD5337 Datasheet HTML 18Page - Analog Devices AD5337 Datasheet HTML 19Page - Analog Devices AD5337 Datasheet HTML 20Page - Analog Devices AD5337 Datasheet HTML 21Page - Analog Devices AD5337 Datasheet HTML 22Page - Analog Devices AD5337 Datasheet HTML 23Page - Analog Devices AD5337 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 22 of 24
Table 9. Overview of All AD53xx Serial Devices
Part No.
Resolution
No. of DACs
DNL
Interface
Settling Time
Package
Pins
Singles
AD5300
8
1
±0.25
SPI
4 µs
SOT-23, MSOP
6, 8
AD5310
10
1
±0.50
SPI
6 µs
SOT-23, MSOP
6, 8
AD5320
12
1
±1.00
SPI
8 µs
SOT-23, MSOP
6, 8
AD5301
8
1
±0.25
2-Wire
6 µs
SOT-23, MSOP
6, 8
AD5311
10
1
±0.50
2-Wire
7 µs
SOT-23, MSOP
6, 8
AD5321
12
1
±1.00
2-Wire
8 µs
SOT-23, MSOP
6, 8
Duals
AD5302
8
2
±0.25
SPI
6 µs
MSOP
8
AD5312
10
2
±0.50
SPI
7 µs
MSOP
8
AD5322
12
2
±1.00
SPI
8 µs
MSOP
8
AD5303
8
2
±0.25
SPI
6 µs
TSSOP
16
AD5313
10
2
±0.50
SPI
7 µs
TSSOP
16
AD5323
12
2
±1.00
SPI
8 µs
TSSOP
16
AD5337
8
2
±0.25
2-Wire
6 µs
MSOP
8
AD5338
10
2
±0.50
2-Wire
7 µs
MSOP
8
AD5338-1
10
2
±0.50
2-Wire
7 µs
MSOP
8
AD5339
12
2
±1.00
2-Wire
8 µs
MSOP
8
Quads
AD5304
8
4
±0.25
SPI
6 µs
MSOP
10
AD5314
10
4
±0.50
SPI
7 µs
MSOP
10
AD5324
12
4
±1.00
SPI
8 µs
MSOP
10
AD5305
8
4
±0.25
2-Wire
6 µs
MSOP
10
AD5315
10
4
±0.50
2-Wire
7 µs
MSOP
10
AD5325
12
4
±1.00
2-Wire
8 µs
MSOP
10
AD5306
8
4
±0.25
2-Wire
6 µs
TSSOP
16
AD5316
10
4
±0.50
2-Wire
7 µs
TSSOP
16
AD5326
12
4
±1.00
2-Wire
8 µs
TSSOP
16
AD5307
8
4
±0.25
SPI
6 µs
TSSOP
16
AD5317
10
4
±0.50
SPI
7 µs
TSSOP
16
AD5327
12
4
±1.00
SPI
8 µs
TSSOP
16
Octals
AD5308
8
8
±0.25
SPI
6 µs
TSSOP
16
AD5318
10
8
±0.50
SPI
7 µs
TSSOP
16
AD5328
12
8
±1.00
SPI
8 µs
TSSOP
16
Visit our website at www.analog.com/support/standard_linear/selection_guides/AD53xx.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com