Electronic Components Datasheet Search
  English  ▼

X  

ADG3241 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG3241
Description  2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3241 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG3241 Datasheet HTML 4Page - Analog Devices ADG3241 Datasheet HTML 5Page - Analog Devices ADG3241 Datasheet HTML 6Page - Analog Devices ADG3241 Datasheet HTML 7Page - Analog Devices ADG3241 Datasheet HTML 8Page - Analog Devices ADG3241 Datasheet HTML 9Page - Analog Devices ADG3241 Datasheet HTML 10Page - Analog Devices ADG3241 Datasheet HTML 11Page - Analog Devices ADG3241 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
ADG3241
–11–
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
0.22
0.08
0.46
0.36
0.26
8
4
0
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
1.10 MAX
3
5
4
2
6
1
2.00 BSC
PIN 1
2.10 BSC
0.65 BSC
1.25 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-203AB
OUTLINE DIMENSIONS
6-Lead Small Outline Transistor Package [SOT-66]
(RY-6-1)
Dimensions shown in millimeters
SEATING
PLANE
0.60
0.57
0.53
12 MAX
TOP VIEW
0.34 MAX
0.27 NOM
0.18
0.17
0.13
BOTTOM
VIEW
1.70
1.66
1.50
PIN 1
1.30
1.20
1.10
1.70
1.65
1.50
1
3
5
6
2
4
0.10 NOM
0.05 MIN
0.20
MIN
0.50
BSC
0.25 MAX
0.17 MIN
0.30
0.23
0.10
0.26
0.19
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com