Electronic Components Datasheet Search
  English  ▼

X  

C15135 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15135
Description  Strada Lens
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15135 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15135 Datasheet HTML 1Page - Ledil, Inc. C15135 Datasheet HTML 2Page - Ledil, Inc. C15135 Datasheet HTML 3Page - Ledil, Inc. C15135 Datasheet HTML 4Page - Ledil, Inc. C15135 Datasheet HTML 5Page - Ledil, Inc. C15135 Datasheet HTML 6Page - Ledil, Inc. C15135 Datasheet HTML 7Page - Ledil, Inc. C15135 Datasheet HTML 8Page - Ledil, Inc. C15135 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRODUCT DATASHEET
Strada series
last update 21/3/2017
DETAILS
Product Number
C15135_STRADA-2X2-T1
Family
Strada
Type
Lens
Color
clear
Diameter
50x50 mm
Height
7,78 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
21/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric deg
94 %
0.900
-
XP-L
Asymmetric deg
94 %
1.170
-
XT-E
sim: Asymmetric
sim: 90 % sim: 1.200 -
XP-G2
Asymmetric deg
94 %
1.500
-
XP-L2
Asymmetric deg
94 %
0.980
-
MHB-A/B
sim: Asymmetric
sim: 94 % sim: 0.670 -
XD16
Asymmetric deg
94 %
1.500
-
XD16 2x2 cluster
Asymmetric deg
94 %
1.100
-
H35C1 (LEMWA33)
Asymmetric deg
94 %
1.400
-
LUXEON 5050
Asymmetric deg
94 %
0.980
-
LUXEON V
Asymmetric deg
94 %
1.100
-
NVSxE21A
Asymmetric deg
94 %
2.050
-
NVSW3x9A
Asymmetric deg
94 %
1.300
-
NVSxx19B/NVSxx19C
Asymmetric deg
94 %
1.400
-
NVSW219D
Asymmetric deg
94 %
1.300
-
Duris S8
sim: Asymmetric
sim: 93 % sim: 0.850 -
Oslon Square Gen3
Asymmetric deg
94 %
1.400
-
OSCONIQ P 3737 (3W version)
sim: Asymmetric
sim: 94 % sim: 0.960 -
PrevaLED Brick DC 2x8
Asymmetric deg
94 %
1.400
-
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric deg
94 %
1.400
-
Fortimo FastFlex LED board 2x8 DAX G4sim: Asymmetric
sim: 94 % sim: 0.930 -
LH351B
Asymmetric deg
94 %
1.320
-
LH351D
sim: Asymmetric
sim: 93 % sim: 0.940 -
Z8Y22P
Asymmetric deg
94 %
1.300
-
Z8Y22
Asymmetric deg
94 %
1.600
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C15135

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C151 TIME-ELECTRONICS-C151 Datasheet
510Kb / 2P
1010 DC Voltage Calibrator
04/22
logo
Sumida Corporation
C15111 SUMIDA-C15111 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C15112 SUMIDA-C15112 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Savantic, Inc.
C1514 SAVANTIC-C1514 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
logo
Sumida Corporation
C15141 SUMIDA-C15141 Datasheet
168Kb / 1P
xDSL POTs Splitter< SMD Type: CRM Series>
More results

Similar Description - C15135

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12726 LEDIL-C12726 Datasheet
1Mb / 28P
Strada Lens
C12727 LEDIL-C12727 Datasheet
1Mb / 27P
Strada Lens
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
C14020 LEDIL-C14020 Datasheet
941Kb / 15P
Strada Lens
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14116 LEDIL-C14116 Datasheet
6Mb / 118P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com