Electronic Components Datasheet Search
  English  ▼

X  

CA11240 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11240
Description  Titanum Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11240 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11240 Datasheet HTML 1Page - Ledil, Inc. CA11240 Datasheet HTML 2Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Titanum series
last update 30/10/2012
DETAILS
Product Number
CA11240_TITANUM-O-90
Family
Titanum
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
30/10/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
8+36 deg
O-90
-
-
-
January 31st 2018 2:15 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA11240

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11240 LEDIL-CA11240 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
More results

Similar Description - CA11240

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
logo
Cree, Inc
CA10244 CREE-CA10244 Datasheet
93Kb / 2P
Titanum series
CA10252 CREE-CA10252 Datasheet
105Kb / 2P
Titanum series
CA10318 CREE-CA10318 Datasheet
100Kb / 2P
Titanum series
CA10319 CREE-CA10319 Datasheet
104Kb / 2P
Titanum series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com