Electronic Components Datasheet Search
  English  ▼

X  

CA12047 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12047
Description  Tina Assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12047 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12047 Datasheet HTML 1Page - Ledil, Inc. CA12047 Datasheet HTML 2Page - Ledil, Inc. CA12047 Datasheet HTML 3Page - Ledil, Inc. CA12047 Datasheet HTML 4Page - Ledil, Inc. CA12047 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Tina series
last update 1/4/2016
DETAILS
Product Number
CA12047_TINA2-O
Family
Tina
Type
Assembly
Color
white
Diameter
16,1 mm
Height
10,12 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
1/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
36+12 deg
Oval
89 %
5.300
-
January 31st 2018 2:15 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12047 LEDIL-CA12047 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
More results

Similar Description - CA12047

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11176 LEDIL-CA11176 Datasheet
716Kb / 11P
Tina Assembly
CA11847 LEDIL-CA11847 Datasheet
136Kb / 3P
Tina Assembly
CA11848 LEDIL-CA11848 Datasheet
143Kb / 3P
Tina Assembly
CA12046 LEDIL-CA12046 Datasheet
60Kb / 3P
Tina Assembly
CA12347 LEDIL-CA12347 Datasheet
157Kb / 4P
Tina Assembly
CA12426 LEDIL-CA12426 Datasheet
2Mb / 34P
Tina Assembly
FA10643 LEDIL-FA10643 Datasheet
222Kb / 4P
Tina Assembly
FA10886 LEDIL-FA10886 Datasheet
216Kb / 4P
Tina Assembly
CA12346 LEDIL-CA12346 Datasheet
158Kb / 4P
Tina Assembly
FA11199 LEDIL-FA11199 Datasheet
57Kb / 2P
Tina Assembly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com