Electronic Components Datasheet Search
  English  ▼

X  

PE4442 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4442
Description  N Female Bulkhead Mount Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4442 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4442 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4442 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4442 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4442 type N female bulkhead connector with crimp/solder attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100 and 0.100 inch (.640 inch DD hole) is part of our full line of RF components available for same-day
shipping. Our type N female connector operates up to a maximum frequency of 6 GHz and offers good VSWR of 1.5:1. This
type N bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a
variety of other rack mount and panel mount applications.
Our type N female bulkhead connector PE4442 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.59 in [40.39 mm]
Width/Dia.
0.807 in [20.50 mm]
.
Weight
0.083 lbs [37.65 g]
.
Mating Cycles
100 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Mount Connector Crimp/Solder Attachment for RG174, RG316, RG188,
LMR-100, PE-B100, PE-C100, 0.100 inch, .640 inch DD Hole PE4442
PE4442 REV 1.3
N Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG174, RG316, RG188, LMR-100, PE-
B100, PE-C100, 0.100 inch, .640 inch DD Hole
RF Connectors Technical Data Sheet
PE4442


Similar Part No. - PE4442

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4442 PASTERNACK-PE4442 Datasheet
227Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .640 inch DD Hole
PE4442 PASTERNACK-PE4442 Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE44420 PASTERNACK-PE44420 Datasheet
250Kb / 2P
SSMA Male Right Angle Connector Solder Attachment For PE-034SR
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4442

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4106 PASTERNACK-PE4106_16 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4134 PASTERNACK-PE4134_16 Datasheet
353Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4209 PASTERNACK-PE4209_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4309 PASTERNACK-PE4309_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4422 PASTERNACK-PE4422_16 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4488 PASTERNACK-PE4488_16 Datasheet
346Kb / 3P
N Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com