Electronic Components Datasheet Search
  English  ▼

X  

PE4444 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4444
Description  N Female Connector Solder Attachment 4 Hole Flang
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4444 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4444 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4444 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4444 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 11 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4444 type N female 4 hole flange mount connector with solder attachment pin terminal (.500 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our type N female connector operates up
to a maximum frequency of 11 GHz and offers good VSWR of 1.3:1. This type N 4 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our type N female 4 hole flange connector PE4444 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.52 in [38.61 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.045 lbs [20.41 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .500 inch Hole
Spacing PE4444
PE4444 REV 1.3
N Female Connector Solder Attachment 4 Hole Flange
Mount Pin Terminal, .500 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4444


Similar Part No. - PE4444

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT ,590
PE44440 PASTERNACK-PE44440 Datasheet
219Kb / 3P
SSMA Male Connector Solder Attachment For PE-034SR
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE44443 PASTERNACK-PE44443 Datasheet
838Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/Solder Attachment For RG179, RG187
More results

Similar Description - PE4444

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4013 PASTERNACK-PE4013 Datasheet
244Kb / 2P
N FEMALE Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .718 inch Hole SPACING
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4072 PASTERNACK-PE4072_16 Datasheet
398Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4125 PASTERNACK-PE4125_16 Datasheet
322Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flang Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4328 PASTERNACK-PE4328_16 Datasheet
352Kb / 3P
N Female Connector Solder Attachment
PE4355 PASTERNACK-PE4355_16 Datasheet
353Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4492 PASTERNACK-PE4492_17 Datasheet
795Kb / 3P
N Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com