Electronic Components Datasheet Search
  English  ▼

X  

PE4445 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4445
Description  C Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4445 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4445 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4445 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4445 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• C Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.45:1
• Silver Plated Brass Contact
• 200 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4445 type C male connector with crimp/solder attachment for RG55, RG141, RG142, RG223 and RG400 is
part of our full line of RF components available for same-day shipping. Our type C male connector operates up to a maximum
frequency of 6 GHz and offers good VSWR of 1.45:1.
Our type C male connector PE4445 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.45:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.4 in [35.56 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.055 lbs [24.95 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: C Male Connector Crimp/Solder Attachment for RG55, RG141, RG142, RG223,
RG400 PE4445
PE4445 REV 1.2
C Male Connector Crimp/Solder Attachment for
RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4445


Similar Part No. - PE4445

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE44453 PASTERNACK-PE44453 Datasheet
211Kb / 2P
MMCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4445

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4093 PASTERNACK-PE4093_16 Datasheet
362Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4295 PASTERNACK-PE4295_16 Datasheet
357Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4375 PASTERNACK-PE4375_16 Datasheet
316Kb / 3P
C Male Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4517 PASTERNACK-PE4517_16 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE4518 PASTERNACK-PE4518 Datasheet
107Kb / 1P
C MALE CRIMP ATTACHMENT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com