Electronic Components Datasheet Search
  English  ▼

X  

PE4446 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4446
Description  TNC Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4446 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4446 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4446 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4446 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG213, RG8 Interface Type
• Crimp/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.4:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.37 in [34.8 mm]
Width/Dia.
0.59 in [14.99 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30µ in. minimum
Insulation
Teflon
Body
Brass
Nickel
100µ in. minimum
Coupling Nut
Brass
Nickel
100µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Crimp/Solder Attachment For RG213, RG8 PE4446
PE4446 REV 1.1
TNC Male Connector Crimp/Solder Attachment For RG213, RG8
RF Connectors Technical Data Sheet
PE4446


Similar Part No. - PE4446

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE44461 PASTERNACK-PE44461 Datasheet
344Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
More results

Similar Description - PE4446

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4156 PASTERNACK-PE4156_16 Datasheet
358Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4447 PASTERNACK-PE4447_16 Datasheet
352Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4470 PASTERNACK-PE4470_16 Datasheet
324Kb / 3P
TNC Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com