Electronic Components Datasheet Search
  English  ▼

X  

PE4447 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4447
Description  TNC Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4447 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4447 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4447 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4447 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.4:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4447 TNC male connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is part of our
full line of RF components available for same-day shipping. Our TNC male connector operates up to a maximum frequency of
6 GHz and offers good VSWR of 1.4:1.
Our TNC male connector PE4447 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.4:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.366 in [34.7 mm]
Width/Dia.
0.591 in [15.01 mm]
.
Weight
0.043 lbs [19.5 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Crimp/Solder Attachment for RG214, RG9, RG225, RG393 PE4447
PE4447 REV 1.1
TNC Male Connector Crimp/Solder Attachment
for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4447


Similar Part No. - PE4447

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
PE44473 PASTERNACK-PE44473 Datasheet
82Kb / 1P
REVERSE POLARITY N MALE CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE4447

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4156 PASTERNACK-PE4156_16 Datasheet
358Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
TNC Male Connector Crimp/Crimp Attachment
PE4446 PASTERNACK-PE4446_16 Datasheet
307Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4470 PASTERNACK-PE4470_16 Datasheet
324Kb / 3P
TNC Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com