Electronic Components Datasheet Search
  English  ▼

X  

PE4449 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4449
Description  TNC Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4449 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4449 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4449 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4449 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• 50 Ohms
• Straight Body Geometry
• PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-
DB, LMR-400-UF, 0.400 inch Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4449 TNC male connector with clamp/solder attachment for PE-C400, PE-B400, PE-B405, LMR-400, LMR-
400-DB, LMR-400-UF and 0.400 inch is part of our full line of RF components available for same-day shipping. Our TNC male
connector operates up to a maximum frequency of 11 GHz.
Our TNC male connector PE4449 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
.
Mechanical Specifications
Size
Length
1.71 in [43.43 mm]
Width/Dia.
0.74 in [18.80 mm]
.
Weight
0.11 lbs [49.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Clamp/Solder Attachment for PE-C400, PE-B400, PE-B405, LMR-400,
LMR-400-DB, LMR-400-UF, 0.400 inch PE4449
PE4449 REV 1.1
TNC Male Connector Clamp/Solder Attachment for PE-C400, PE-
B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF, 0.400 inch
RF Connectors Technical Data Sheet
PE4449


Similar Part No. - PE4449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
Mini SMP Female Connector Solder Attachment
PE44493 PASTERNACK-PE44493 Datasheet
286Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4449

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4067 PASTERNACK-PE4067_17 Datasheet
546Kb / 5P
TNC Male Connector Clamp/Solder Attachment
PE4068 PASTERNACK-PE4068_16 Datasheet
410Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4088 PASTERNACK-PE4088_16 Datasheet
370Kb / 4P
TNC Male Connector Clamp/Solder Attachment
PE4143 PASTERNACK-PE4143_14 Datasheet
250Kb / 2P
TNC Male Connector Clamp/Solder Attachment
PE4146 PASTERNACK-PE4146_16 Datasheet
397Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE4154 PASTERNACK-PE4154_16 Datasheet
431Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE4303 PASTERNACK-PE4303 Datasheet
117Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE4448 PASTERNACK-PE4448 Datasheet
118Kb / 1P
TNC MALE CLAMP ATTACHMENT
PE4456 PASTERNACK-PE4456_17 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com