Electronic Components Datasheet Search
  English  ▼

X  

PE4450 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4450
Description  TNC Male Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4450 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4450 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4450 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4450 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4450 TNC male right angle connector with crimp/solder attachment for RG55, RG141, RG142, RG223 and
RG400 is part of our full line of RF components available for same-day shipping. Our TNC male connector operates up to a
maximum frequency of 3 GHz and offers good VSWR of 1.3:1. Its right angle body geometry allows for easier connections in
tight spaces.
Our TNC male right angle connector PE4450 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.35 in [34.29 mm]
Width/Dia.
0.57 in [14.48 mm]
Height
1.14 in [28.96 mm]
.
Weight
0.062 lbs [28.12 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: TNC Male Right Angle Connector Crimp/Solder Attachment for RG55, RG141, RG142,
RG223, RG400 PE4450
PE4450 REV 1.3
TNC Male Right Angle Connector Crimp/Solder Attachment
for RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4450


Similar Part No. - PE4450

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450 Datasheet
115Kb / 1P
TNC MALE RIGHT ANGLE GRIMP ATTACHMENT FOR RG55 RG142 RG223& RG400
PE44500 PASTERNACK-PE44500 Datasheet
279Kb / 3P
QMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .268 inch D Hole
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44502 PASTERNACK-PE44502 Datasheet
256Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG316-DS
PE44503 PASTERNACK-PE44503 Datasheet
250Kb / 2P
QMA Male Connector Crimp/Solder Attachment For RG58, RG141
More results

Similar Description - PE4450

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4156 PASTERNACK-PE4156_16 Datasheet
358Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4446 PASTERNACK-PE4446_16 Datasheet
307Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4447 PASTERNACK-PE4447_16 Datasheet
352Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4451 PASTERNACK-PE4451_16 Datasheet
400Kb / 4P
TNC Male Right Angle Connector Crimp/Crimp Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com